Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5073B5S Datasheet (PDF) - Nippon Precision Circuits Inc

SM5073B5S Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5073B5S
Download  SM5073B5S Download

File Size   108.62 Kbytes
Page   14 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description VCXO ICs with Built-in Varicap

SM5073B5S Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5073B5S Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5073B5S
Download  SM5073B5S Click to download

File Size   108.62 Kbytes
Page   14 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description VCXO ICs with Built-in Varicap

SM5073B5S Datasheet (HTML) - Nippon Precision Circuits Inc

Back Button SM5073B5S Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5073B5S Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5073B5S Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5073B5S Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5073B5S Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5073B5S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5073B5S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5073B5S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5073B5S Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5073B5S Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button 

SM5073B5S Product details

OVERVIEW
The SM5073 series are VCXO ICs with built-in varicap diode. They use a recently developed negative-resistance switching oscillation circuit, at oscillation startup and during normal oscillation, for both good oscillation startup characteristics and wide pullrange. Furthermore, it employs a CMOS process varicap diode, and also features all the necessary VCXO structure circuit components on a single chip, forming a VCXO with just the connection of an external crystal.

FEATURES
■ 3.0 to 3.6V supply voltage range
■ 10MHz to 60MHz operating frequency (varies with version)
■ Uses negative-resistance switching function
■ Varicap diode built-in
■ Frequency divider built-in (varies with version: fO, fO/2, fO/4, fO/8, fO/16, fO/32)
■ CMOS output level
■ 50 ± 10% output duty
■ 6mA (min) output drive capability
■ 15pF output load capacitance CL
■ Standby function
    High impedance in standby mode (oscillator continues running)
■ Package: 8-pin SOP (SM5073××S)

APPLICATIONS
■ VCXO modules
■ Communications application
■ Networking application
■ Broadcasting application




Similar Part No. - SM5073B5S

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM50 SEMTECH-SM50 Datasheet
151Kb / 3P
   RECTIFIER UP YO 10kV, 300mA, 2.5us
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-10 DATATRONICS-SM500-10 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-11 DATATRONICS-SM500-11 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-12 DATATRONICS-SM500-12 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
More results


Similar Description - SM5073B5S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Torex Semiconductor
XC2173 TOREX-XC2173 Datasheet
160Kb / 8P
   ICs for use with Crystal Oscillators (PLL built-in)
logo
Rohm
BD8132FV ROHM-BD8132FV_09 Datasheet
601Kb / 21P
   High-precision Gamma Correction ICs with built-in DAC
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com