Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9311DK Datasheet (PDF) - Hamamatsu Corporation

C9311DK Datasheet PDF - Hamamatsu Corporation
Part # C9311DK
Download  C9311DK Download

File Size   142.55 Kbytes
Page   6 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Flat panel sensor High sensitivity, high-speed frame rate, high resolution

C9311DK Datasheet (PDF)

Go To PDF Page Download Datasheet
C9311DK Datasheet PDF - Hamamatsu Corporation

Part # C9311DK
Download  C9311DK Click to download

File Size   142.55 Kbytes
Page   6 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Flat panel sensor High sensitivity, high-speed frame rate, high resolution

C9311DK Datasheet (HTML) - Hamamatsu Corporation

C9311DK Datasheet HTML 1Page - Hamamatsu Corporation C9311DK Datasheet HTML 2Page - Hamamatsu Corporation C9311DK Datasheet HTML 3Page - Hamamatsu Corporation C9311DK Datasheet HTML 4Page - Hamamatsu Corporation C9311DK Datasheet HTML 5Page - Hamamatsu Corporation C9311DK Datasheet HTML 6Page - Hamamatsu Corporation

C9311DK Product details

Flat panel sensor
High sensitivity, high-speed frame rate, high resolution

Flat panel sensor C9311DK is a digital X-ray image sensor newly developed as key devices for real-time imaging applications requiring high resolution X-ray images.

Features
● High sensitivity: 1600 LSB/mR
● High-speed frame rate: 30 frames/s
● 1248 × 1152 pixels
● Flat panel structure wituout image distortion
● 12-bit digital output

Applications
● Digital radiography
● Real time CT




Similar Part No. - C9311DK

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9312SK-06 HAMAMATSU-C9312SK-06 Datasheet
106Kb / 6P
   Flat panel sensor High-speed, High reliability, 110 kV (X-ray tube voltage) proof
logo
Kemet Corporation
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C931U101JVSDBA7317 KEMET-C931U101JVSDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C931U101JVSDCA7317 KEMET-C931U101JVSDCA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C931U101JVVDAA7317 KEMET-C931U101JVVDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
More results


Similar Description - C9311DK

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10322D HAMAMATSU-C10322D Datasheet
137Kb / 6P
   Flat panel sensor High sensitivity, high-speed frame rate, high resolution
C10013SK HAMAMATSU-C10013SK Datasheet
131Kb / 6P
   Flat panel sensor High reliability, high sensitivity
C9252DK-14 HAMAMATSU-C9252DK-14 Datasheet
151Kb / 9P
   Flat panel sensor Large area with tiling construction, high-speed frame rate
C7921CA-09 HAMAMATSU-C7921CA-09 Datasheet
125Kb / 6P
   High resolution and high frame rate
C9732DK HAMAMATSU-C9732DK Datasheet
96Kb / 4P
   Flat panel sensor Large area/soft X-ray imaging, high resolution
logo
Sharp Corporation
PD49PI SHARP-PD49PI Datasheet
40Kb / 3P
   High Speed, High Sensitivity Photodiode
PD481PIE000F SHARP-PD481PIE000F Datasheet
64Kb / 4P
   High Speed, High Sensitivity Photodiode
logo
Hamamatsu Corporation
S9132 HAMAMATSU-S9132_15 Datasheet
179Kb / 10P
   High-speed frame rate sensor capable of acquiring two-dimensional projection data
S9132 HAMAMATSU-S9132 Datasheet
152Kb / 6P
   Profile sensor High-speed frame rate sensor capable of acquiring two-dimensional projection data
logo
Sharp Corporation
GP2U06 SHARP-GP2U06 Datasheet
18Kb / 2P
   High Sensitivity Dust Sensor
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com