Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM12114DK Datasheet (PDF) - Qorvo, Inc

QM12114DK Datasheet PDF - Qorvo, Inc
Part # QM12114DK
Download  QM12114DK Download
File Size   785.89 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description SP4T RFFE GSM HIGH POWER SWITCH

QM12114DK Datasheet (PDF)

Go To PDF Page Download Datasheet
QM12114DK Datasheet PDF - Qorvo, Inc

Part # QM12114DK
Download  QM12114DK Click to download

File Size   785.89 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description SP4T RFFE GSM HIGH POWER SWITCH

QM12114DK Datasheet (HTML) - Qorvo, Inc


QM12114DK Product details

Product Description
The QM12114 is a low loss, high isolation SP4T switch with performance optimized for GSM, CDMA, WCDMA, & LTE applications requiring high linearity and high power handling. The QM12114 is packaged in a compact 1.1mm x 1.1mm, 9-pin module which allows for a small solution size with no need for external DC blocking capacitors (when no external DC is applied to the device ports).

Feature Overview
• Low Insertion Loss
• High Port-to-Port Isolation
• RFFE 2.0 compatible (52MHz Write Speed)
• Capable of 1.8V operation
• HBM Rating > 1kV on all ports
• Compact size: 1.1mm x 1.1mm x 0.44mm
• DC blocking capacitors are not required in typical applications

Applications
• Cellular Handset Applications
• Cellular Modems and USB Devices
• Multi-Mode GSM, EDGE, WCDMA, and LTE Applications




Similar Part No. - QM12114DK

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
QM120 MACOM-QM120 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
logo
Qorvo, Inc
QM12038 QORVO-QM12038 Datasheet
442Kb / 12P
SP8T Switch For 3G/4G Applications
2015
QM12038PCK410 QORVO-QM12038PCK410 Datasheet
442Kb / 12P
SP8T Switch For 3G/4G Applications
2015
QM12038SB QORVO-QM12038SB Datasheet
442Kb / 12P
SP8T Switch For 3G/4G Applications
2015
QM12038SR QORVO-QM12038SR Datasheet
442Kb / 12P
SP8T Switch For 3G/4G Applications
2015
More results


Similar Description - QM12114DK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1068N SONY-CXG1068N Datasheet
93Kb / 6P
SP4T Antenna Switch for GSM Dual band
CXG1077TN SONY-CXG1077TN Datasheet
51Kb / 4P
SP4T Antenna Switch for GSM Dual band
CXG1091TN SONY-CXG1091TN Datasheet
57Kb / 4P
SP4T GSM Dualband Antenna Switch 5V Logic
logo
Filtronic Compound Semi...
FMS2016 FILTRONIC-FMS2016 Datasheet
146Kb / 4P
SP4T GaAs Multi-Band GSM Antenna Switch
logo
TriQuint Semiconductor
TQP4M4010 TRIQUINT-TQP4M4010 Datasheet
404Kb / 11P
SP4T High Power GSM-EDGE Antenna Switch With Decoder
TQP4M4004 TRIQUINT-TQP4M4004 Datasheet
220Kb / 7P
SP4T High Power 2.5V GSM Antenna Switch
logo
Sony Corporation
CXG1224XR SONY-CXG1224XR Datasheet
100Kb / 7P
SP4TSP4T Antenna Switch for GSM/UMTS
CXG1194XR SONY-CXG1194XR Datasheet
79Kb / 6P
SP4T Antenna Switch for GSM/UMTS
CXG1194UR SONY-CXG1194UR Datasheet
54Kb / 6P
SP4T Antenna Switch for GSM
logo
RF Micro Devices
RF1604 RFMD-RF1604 Datasheet
520Kb / 9P
BROADBAND HIGH POWER SP4T SWITCH
logo
Will Semiconductor Ltd.
WS7804QM WILLSEMI-WS7804QM Datasheet
556Kb / 12P
0.1GHz??GHz SP4T Diversity Antenna Switch with MIPI RFFE Interface
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com