Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP785BL-TP6,F Datasheet (PDF) - Toshiba Semiconductor

TLP785BL-TP6,F Datasheet PDF - Toshiba Semiconductor
Part # TLP785BL-TP6,F
Download  TLP785BL-TP6,F Download
File Size   747.26 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs IRED & Photo−Transistor

TLP785BL-TP6,F Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP785BL-TP6,F Datasheet PDF - Toshiba Semiconductor

Part # TLP785BL-TP6,F
Download  TLP785BL-TP6,F Click to download

File Size   747.26 Kbytes
Page   15 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs IRED & Photo−Transistor

TLP785BL-TP6,F Datasheet (HTML) - Toshiba Semiconductor


TLP785BL-TP6,F Product details

• TLP785: 7.62 mm pitch type DIP4
• TLP785F: 10.16 mm pitch type DIP4
• Collector-emitter voltage: 80 V (min)
• Current transfer ratio: 50% (min)
Rank GB: 100% (min)
• Isolation voltage: 5000 Vrms (min)
• UL approved : UL1577, File No.E67349
• c-UL approved :CSA Component Acceptance Service No. 5A, File No.E67349
• Option (D4) VDE approved : DIN EN60747-5-5(Note 1)
• CQC-approved: GB4943.1, GB8898 China Factory
• SEMKO approved: EN60065:2002 EN60950-1:2001, EN60335-1:2002




Similar Part No. - TLP785BL-TP6,F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP785BL-TP6,F TOSHIBA-TLP785BL-TP6,F Datasheet
724Kb / 15P
TOSHIBA Photocoupler IRED & Photo−Transistor
2019-03-11
More results


Similar Description - TLP785BL-TP6,F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP628 TOSHIBA-TLP628 Datasheet
257Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP321-2 TOSHIBA-TLP321-2 Datasheet
222Kb / 9P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285 TOSHIBA-TLP285 Datasheet
384Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com