Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C031TMX/NOPB Datasheet (PDF) - Texas Instruments

DS90C031TMX/NOPB Datasheet PDF - Texas Instruments
Part # DS90C031TMX/NOPB
Download  DS90C031TMX/NOPB Download
File Size   310.61 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C031 LVDS Quad CMOS Differential Line Driver

DS90C031TMX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90C031TMX/NOPB Datasheet PDF - Texas Instruments

Part # DS90C031TMX/NOPB
Download  DS90C031TMX/NOPB Click to download

File Size   310.61 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C031 LVDS Quad CMOS Differential Line Driver

DS90C031TMX/NOPB Datasheet (HTML) - Texas Instruments


DS90C031TMX/NOPB Product details

General Description
The DS90C031 is a quad CMOS differential line driver designed
for applications requiring ultra low power dissipation
and high data rates. The device is designed to support data
rates in excess of 155.5 Mbps (77.7 MHz) utilizing Low Voltage
Differential Signaling (LVDS) technology.
The DS90C031 accepts TTL/CMOS input levels and translates
them to low voltage (350 mV) differential output signals.
In addition the driver supports a TRI-STATE® function
that may be used to disable the output stage, disabling the
load current, and thus dropping the device to an ultra low idle
power state of 11 mW typical.
The DS90C031 and companion line receiver (DS90C032)
provide a new alternative to high power psuedo-ECL devices
for high speed point-to-point interface applications.

Features
>155.5 Mbps (77.7 MHz) switching rates
±350 mV differential signaling
Ultra low power dissipation
400 ps maximum differential skew (5V, 25°C)
3.5 ns maximum propagation delay
Industrial operating temperature range
Military operating temperature range option
Available in surface mount packaging (SOIC) and (LCC)
Pin compatible with DS26C31, MB571 (PECL) and
41LG (PECL)
Compatible with IEEE 1596.3 SCI LVDS standard
Conforms to ANSI/TIA/EIA-644 LVDS standard
Available to Standard Microcircuit Drawing (SMD)
5962-95833




Similar Part No. - DS90C031TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C031TMX/NOPB TI-DS90C031TMX/NOPB Datasheet
311Kb / 15P
DS90C031 LVDS Quad CMOS Differential Line Driver
More results


Similar Description - DS90C031TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
DS90C031QML LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI1-DS90C031BTMX Datasheet
1Mb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031TMX TI-DS90C031TMX Datasheet
311Kb / 15P
DS90C031 LVDS Quad CMOS Differential Line Driver
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com