Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-1000C Datasheet (PDF) - Coherent Corp

T-1000C Datasheet PDF - Coherent Corp
Part # T-1000C
Download  T-1000C Download
File Size   266.39 Kbytes
Page   2 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description HIGH-EFFICIENCY TRANSMISSION DIFFRACTION GRATING

T-1000C Datasheet (PDF)

Go To PDF Page Download Datasheet
T-1000C Datasheet PDF - Coherent Corp

Part # T-1000C
Download  T-1000C Click to download

File Size   266.39 Kbytes
Page   2 Pages
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp
Description HIGH-EFFICIENCY TRANSMISSION DIFFRACTION GRATING

T-1000C Datasheet (HTML) - Coherent Corp




Similar Part No. - T-1000C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T-1000 MACOM-T-1000 Datasheet
126Kb / 1P
Two-Way Power Divider 10 - 1000 MHz
logo
Rhombus Industries Inc.
T-1000 RHOMBUS-IND-T-1000 Datasheet
37Kb / 1P
HDSL Application Pulse Transformer
logo
M/A-COM Technology Solu...
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
Two-Way Power Divider, 10 - 1000 MHz
T-1000 MA-COM-T-1000 Datasheet
63Kb / 2P
Two-Way Power Divider
logo
Coherent Corp
T-1000-1040 COHERENT-T-1000-1040 Datasheet
258Kb / 2P
HIGH-EFFICIENCY TRANSMISSION DIFFRACTION GRATING
More results


Similar Description - T-1000C

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 300mW
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
logo
OPLINK Communications I...
AWGM1-S0153 OPLINK-AWGM1-S0153 Datasheet
278Kb / 3P
Arrayed-Waveguide Grating Multiplexer/Demultiplexer
logo
Murata Manufacturing Co...
LXES1UTAA1-157 MURATA-LXES1UTAA1-157 Datasheet
153Kb / 2P
High-speed Transmission Line
LXES2TBCC4-028 MURATA-LXES2TBCC4-028 Datasheet
155Kb / 2P
High-speed Transmission Line
LXES11DAA2-135 MURATA-LXES11DAA2-135 Datasheet
151Kb / 2P
High-speed Transmission Line
LXES11DAA2-137 MURATA-LXES11DAA2-137 Datasheet
154Kb / 2P
High-speed Transmission Line
LXES21DAA4-136 MURATA-LXES21DAA4-136 Datasheet
154Kb / 2P
High-speed Transmission Line
LXES21DAA4-138 MURATA-LXES21DAA4-138 Datasheet
154Kb / 2P
High-speed Transmission Line
LXES21DAA4-140 MURATA-LXES21DAA4-140 Datasheet
155Kb / 2P
High-speed Transmission Line
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com