Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV1091TM/NOPB.A Datasheet (PDF) - Texas Instruments

LMV1091TM/NOPB.A Datasheet PDF - Texas Instruments
Part # LMV1091TM/NOPB.A
Download  LMV1091TM/NOPB.A Download
File Size   360.47 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1091 Dual Input, Far Field Noise Suppression Microphone Amplifier

LMV1091TM/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV1091TM/NOPB.A Datasheet PDF - Texas Instruments

Part # LMV1091TM/NOPB.A
Download  LMV1091TM/NOPB.A Click to download

File Size   360.47 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV1091 Dual Input, Far Field Noise Suppression Microphone Amplifier

LMV1091TM/NOPB.A Datasheet (HTML) - Texas Instruments


LMV1091TM/NOPB.A Product details

1FEATURES
2• No Loss of Voice Intelligibility
• Low Power Consumption
• Shutdown Function
• No added Processing Delay
• Differential Outputs
• Adjustable 12 - 54dB Gain
• Excellent RF Immunity
• Available in a 25–Bump DSBGA Package

APPLICATIONS
• Mobile Headset
• Mobile and Handheld Two-way Radios
• Bluetooth and Other Powered Headsets
• Hand-held Voice Microphones

KEY SPECIFICATIONS
• Far Field Noise Suppression Electrical (FFNSE
at f = 1kHz): 34dB (typ)
• SNRIE: 26dB (typ)
• Supply Voltage: 2.7V to 5.5V
• Supply Current: 600μA (typ)
• Standby Current: 0.1μA (typ)
• Signal-to-Noise Ratio (Voice band): 65dB (typ)
• Total Harmonic Distortion + Noise: 0.1% (typ)
• PSRR (217Hz): 99dB (typ)

DESCRIPTION
The LMV1091 is a fully analog dual differential input,
differential output, microphone array amplifier
designed to reduce background acoustic noise, while
delivering superb speech clarity in voice
communication applications.
The LMV1091 preserves near-field voice signals
within 4cm of the microphones while rejecting far-field
acoustic noise greater than 50cm from the
microphones. Up to 20dB of far-field rejection is
possible in a properly configured and using ±0.5dB
matched micropohones.
Part of the Powerwise™ family of energy efficient
solutions, the LMV1091 consumes only 600μA of
supply current providing superior performance over
DSP solutions consuming greater than ten times the
power.
The dual microphone inputs and the processed signal
output are differential to provide excellent noise immunity. The microphones are biased with an
internal low-noise bias supply.




Similar Part No. - LMV1091TM/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV1091TM/NOPB TI1-LMV1091TM/NOPB Datasheet
805Kb / 22P
Dual Input, Far Field Noise Suppression Microphone Amplifier
More results


Similar Description - LMV1091TM/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV1088 NSC-LMV1088 Datasheet
1Mb / 22P
Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
LMV1088 NSC-LMV1088_08 Datasheet
1Mb / 26P
Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
LMV1090 NSC-LMV1090 Datasheet
752Kb / 24P
Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1091 NSC-LMV1091 Datasheet
859Kb / 20P
Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1089 NSC-LMV1089 Datasheet
1Mb / 32P
Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
logo
Texas Instruments
LMV1099 TI1-LMV1099 Datasheet
720Kb / 26P
Uplink Far Field Noise Suppression & Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
LMV1088 TI1-LMV1088 Datasheet
1Mb / 30P
LMV1088 Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Ability
LMV1089 TI1-LMV1089 Datasheet
1Mb / 37P
Dual Input, Far Field Noise Suppression Microphone Amplifier with Automatic Calibration Capability
LMV1090 TI1-LMV1090 Datasheet
857Kb / 25P
LMV1090 Dual Input, Far Field Noise Suppression Microphone Amplifier
LMV1091 TI1-LMV1091 Datasheet
805Kb / 22P
Dual Input, Far Field Noise Suppression Microphone Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com