Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV232TL/NOPB.A Datasheet (PDF) - Texas Instruments

LMV232TL/NOPB.A Datasheet PDF - Texas Instruments
Part # LMV232TL/NOPB.A
Download  LMV232TL/NOPB.A Download
File Size   751.23 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA

LMV232TL/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV232TL/NOPB.A Datasheet PDF - Texas Instruments

Part # LMV232TL/NOPB.A
Download  LMV232TL/NOPB.A Click to download

File Size   751.23 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA

LMV232TL/NOPB.A Datasheet (HTML) - Texas Instruments


LMV232TL/NOPB.A Product details

1FEATURES
• >20 dB Square-Law Detection Range
• 2 Sequentially Selectable RF Inputs
• Low Power Consumption Shutdown Mode
• Externally Configurable Gain and LF Filter
Bandwidth.
• Internal 50Ω RF Termination Impedance
• Optimized for Use with 20 dB Directional
Coupler
• Lead Free 8-Bump DSBGA Package 1.5 x 1.5 x
0.6 mm

APPLICATIONS
• 3G Mobile Communications
• UMTS
• WCDMA
• CDMA2000
• TD-SCDMA
• RF Control
• Wireless LAN
• PC Card and GPS Modules

DESCRIPTION
The LMV232 dual RF detector is designed for RF
transmit power measurement in mobile phones. This
dual mean square IC is especially suited for accurate
power measurement of RF signals exhibiting high
peak-to-average ratios used in 3G and UMTS/CDMA
applications. The LMV232 saves calibration steps
and system certification and is highly accurate. The
circuit operates with a single supply from 2.5 to 3.3V.
The LMV232 contains a mean square detector with
two sequentially selectable RF inputs. The RF input
power range of the device has been optimized for use
with a 20 dB directional coupler, without the need for
additional external components. A single external RC
combination between FB and OUT provides an
externally configurable gain and LF filter bandwidth of the device.
The device has two digital interfaces. A shutdown
function is available to set the device in a low-power
shutdown mode. In case SD = HIGH, the device is in
shutdown, if SD = LOW the device is active. The
Band-Select function controls the selection of the active RF input channel. In case BS = HIGH, RFIN1 is
active. In case BS = LOW, RFIN2 is active.
The dual mean square detector is offered in an 8-
bump DSBGA 1.5 x 1.5 x 0.6 mm package. This
DSBGA package has the smallest footprint and
height.




Similar Part No. - LMV232TL/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV232TL/NOPB TI1-LMV232TL/NOPB Datasheet
1Mb / 20P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
More results


Similar Description - LMV232TL/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV232 NSC-LMV232 Datasheet
779Kb / 13P
Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV225 NSC-LMV225 Datasheet
1Mb / 21P
RF Power Detector for CDMA and WCDMA
LMV227 NSC-LMV227 Datasheet
739Kb / 12P
Production RF Tested, RF Power Detector for CDMA and WCDMA
logo
Texas Instruments
LMV225SDX TI-LMV225SDX Datasheet
947Kb / 30P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225SD TI-LMV225SD Datasheet
947Kb / 30P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV225 TI1-LMV225_14 Datasheet
1Mb / 30P
RF Power Detector for CDMA and WCDMA
LMV225 TI-LMV225_15 Datasheet
2Mb / 37P
LMV225/LMV226/LMV228 RF Power Detector for CDMA and WCDMA
LMV232 TI-LMV232_15 Datasheet
1Mb / 20P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV232 TI1-LMV232_16 Datasheet
1Mb / 20P
LMV232 Dual-Channel Integrated Mean Square Power Detector for CDMA & WCDMA
LMV225 TI1-LMV225 Datasheet
2Mb / 39P
RF Power Detector for CDMA and WCDMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com