Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8341EB/2K5 Datasheet (PDF) - Texas Instruments

ADS8341EB/2K5 Datasheet PDF - Texas Instruments
Part # ADS8341EB/2K5
Download  ADS8341EB/2K5 Download
File Size   835.08 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8341EB/2K5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8341EB/2K5 Datasheet PDF - Texas Instruments

Part # ADS8341EB/2K5
Download  ADS8341EB/2K5 Click to download

File Size   835.08 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8341EB/2K5 Datasheet (HTML) - Texas Instruments


ADS8341EB/2K5 Product details

FEATURES
PIN FOR PIN WITH ADS7841
SINGLE SUPPLY: 2.7V to 5V
4-CHANNEL SINGLE-ENDED OR
2-CHANNEL DIFFERENTIAL INPUT
UP TO 100kHz CONVERSION RATE
86dB SINAD
SERIAL INTERFACE
SSOP-16 PACKAGE

APPLICATIONS
DATA ACQUISITION
TEST AND MEASUREMENT
INDUSTRIAL PROCESS CONTROL
PERSONAL DIGITAL ASSISTANTS
BATTERY-POWERED SYSTEMS

DESCRIPTION
The ADS8341 is a 4-channel, 16-bit sampling Analog-to-
Digital (A/D) converter with a synchronous serial interface.
Typical power dissipation is 8mW at a 100kHz throughput
rate and a +5V supply. The reference voltage (VREF) can be
varied between 500mV and VCC, providing a corresponding
input voltage range of 0V to VREF. The device includes a
shutdown mode that reduces power dissipation to under
15μW. The ADS8341 is tested down to 2.7V operation.
Low power, high speed, and an onboard multiplexer make
the ADS8341 ideal for battery-operated systems such as
personal digital assistants, portable multi-channel data loggers,
and measurement equipment. The serial interface also
provides low-cost isolation for remote data acquisition. The
ADS8341 is available in an SSOP-16 package and is ensured
over the –40°C to +85°C temperature range.




Similar Part No. - ADS8341EB/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8341EB/2K5 TI-ADS8341EB/2K5 Datasheet
417Kb / 18P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341EB/2K5 TI1-ADS8341EB/2K5 Datasheet
1Mb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341EB/2K5G4 TI1-ADS8341EB/2K5G4 Datasheet
1Mb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8341EB/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343 BURR-BROWN-ADS8343 Datasheet
446Kb / 18P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_15 Datasheet
1Mb / 24P
16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com