Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F19156-I/SS Datasheet (PDF) - Microchip Technology

PIC16F19156-I/SS Datasheet PDF - Microchip Technology
Part # PIC16F19156-I/SS
Download  PIC16F19156-I/SS Download
File Size   14616.87 Kbytes
Page   736 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Full-Featured 28/40/44/48-Pin Microcontrollers

PIC16F19156-I/SS Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F19156-I/SS Datasheet PDF - Microchip Technology

Part # PIC16F19156-I/SS
Download  PIC16F19156-I/SS Click to download

File Size   14616.87 Kbytes
Page   736 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Full-Featured 28/40/44/48-Pin Microcontrollers

PIC16F19156-I/SS Datasheet (HTML) - Microchip Technology


PIC16F19156-I/SS Product details

Description
PIC16(L)F19155/56/75/76/85/86 microcontrollers offer eXtreme Low-Power (XLP) LCD drive coupled with Core
Independent Peripherals (CIPs) and Intelligent Analog. They are especially suited for battery-powered LCD applications
due to an integrated charge pump, high current I/O drive for backlighting, and battery backup of the Real-Time Clock/
Calendar (RTCC). Active clock tuning of the HFINTOSC provides a highly accurate clock source over voltage and
temperature. The family also features a new 12-bit ADC controller which can automate Capacitive Voltage Divider
(CVD) techniques for advanced touch sensing, averaging, filtering, oversampling and automatic threshold comparison.
Other new features include low-power IDLE and DOZE modes, Device Information Area (DIA), and Memory Access
Partition (MAP). These low-power products are available in 28/40/44 and 48 pins to support the customer in various
LCD and general purpose applications.
Core Features
• C Compiler Optimized RISC Architecture
• Operating Speed:
- DC – 32 MHz clock input
- 125 ns minimum instruction cycle
• Interrupt Capability
• 16-Level Deep Hardware Stack
• Timers:
- Two 8-bit (TMR2/4) Timer with Hardware
Limit Timer Extension (HLT)
- 16-bit (TMR0/1)
• Low-Current Power-on Reset (POR)
• Configurable Power-up Timer (PWRTE)
• Brown-out Reset (BOR) with Fast Recovery
• Low-Power BOR (LPBOR) Option
• Windowed Watchdog Timer (WWDT):
- Variable prescaler selection
- Variable window size selection
- All sources configurable in hardware or
software
• Programmable Code Protection

eXtreme Low-Power (XLP) Features
• Sleep mode: 50 nA @ 1.8V, typical
• Watchdog Timer: 500 nA @ 1.8V, typical
• Secondary Oscillator: 500 nA @ 32 kHz
• Operating Current:
- 8 μA @ 32 kHz, 1.8V, typical
- 32 μA/MHz @ 1.8V, typical




Similar Part No. - PIC16F19156-I/SS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F19156 MICROCHIP-PIC16F19156 Datasheet
11Mb / 754P
Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F19156T-E/MVQTP MICROCHIP-PIC16F19156T-E/MVQTP Datasheet
11Mb / 754P
Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F19156T-E/MVSQTP MICROCHIP-PIC16F19156T-E/MVSQTP Datasheet
11Mb / 754P
Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F19156T-E/PQTP MICROCHIP-PIC16F19156T-E/PQTP Datasheet
11Mb / 754P
Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F19156T-E/PSQTP MICROCHIP-PIC16F19156T-E/PSQTP Datasheet
11Mb / 754P
Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
More results


Similar Description - PIC16F19156-I/SS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF876A-I MICROCHIP-PIC16LF876A-I Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
11/29/12
PIC18LF4610T-I MICROCHIP-PIC18LF4610T-I Datasheet
6Mb / 376P
28/40/44-Pin Flash Microcontrollers
03/26/09
PIC16LF877A-I MICROCHIP-PIC16LF877A-I Datasheet
2Mb / 234P
28/40/44-Pin Enhanced Flash Microcontrollers
07/28/03
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18857 MICROCHIP-PIC16F18857 Datasheet
7Mb / 668P
Full-Featured 28/40/44-Pin Microcontrollers
02/28/20
PIC16F19155 MICROCHIP-PIC16F19155 Datasheet
11Mb / 754P
Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC16F19195 MICROCHIP-PIC16F19195 Datasheet
9Mb / 731P
Full-Featured 64-Pin Microcontrollers
05/14/19
PIC16F15354 MICROCHIP-PIC16F15354 Datasheet
5Mb / 538P
Full-Featured 28-Pin Microcontrollers
10/25/17
PIC16F15356 MICROCHIP-PIC16F15356 Datasheet
8Mb / 605P
Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
PIC16F18054 MICROCHIP-PIC16F18054 Datasheet
8Mb / 567P
PIC16F18054/55/74/75 Full-Featured, 28/40-Pin Microcontrollers
2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com