Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA6.5A Datasheet (PDF) - DAESAN ELECTRONIC CORP.

SA6.5A Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # SA6.5A
Download  SA6.5A Download

File Size   1316.13 Kbytes
Page   6 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description POWER 500Watts VOLTAGE 5.0 to 170 Volts

SA6.5A Datasheet (PDF)

Go To PDF Page Download Datasheet
SA6.5A Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # SA6.5A
Download  SA6.5A Click to download

File Size   1316.13 Kbytes
Page   6 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description POWER 500Watts VOLTAGE 5.0 to 170 Volts

SA6.5A Datasheet (HTML) - DAESAN ELECTRONIC CORP.

SA6.5A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SA6.5A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SA6.5A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SA6.5A Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. SA6.5A Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. SA6.5A Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.

SA6.5A Product details

Features
• Plastic package has Underwriters Laboratory
   flammability classification 94V-0
• Glass passivated junction
• 500W peak pulse power surge capability with a 10/100μS
   waveform, repetition rate(duty cycle) : 0.01%
• Excellent clamping capability
• Low incremental surge resistance
• Very fast response time
• High temperature soldering guaranteed : 265℃ /10 seconds,
   0.375"(9.5mm) lead length, 5lbs. (2.3Kg) tension




Similar Part No. - SA6.5A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA6.5A MOTOROLA-SA6.5A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA6.5A TSC-SA6.5A Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
SA6.5A TSC-SA6.5A Datasheet
645Kb / 5P
   500 Watts Transient Voltage Suppressor Diodes
logo
SUNMATE electronic Co.,...
SA6.5A SUNMATE-SA6.5A Datasheet
223Kb / 4P
   500 Watts Axial Leaded Transient Voltage Suppressors
logo
CHENG-YI ELECTRONIC CO....
SA6.5A CHENG-YI-SA6.5A Datasheet
129Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SA6.5A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com