Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3477MM/NOPB Datasheet (PDF) - Texas Instruments

LM3477MM/NOPB Datasheet PDF - Texas Instruments
Part # LM3477MM/NOPB
Download  LM3477MM/NOPB Download
File Size   1206.12 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator

LM3477MM/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3477MM/NOPB Datasheet PDF - Texas Instruments

Part # LM3477MM/NOPB
Download  LM3477MM/NOPB Click to download

File Size   1206.12 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator

LM3477MM/NOPB Datasheet (HTML) - Texas Instruments


LM3477MM/NOPB Product details

1FEATURES
2• 500kHz Switching Frequency
• Adjustable Current Limit
• 1.5% Reference
• Thermal Shutdown
• Frequency Compensation Optimized with a
Single Capacitor and Resistor
• Internal Softstart
• Current Mode Operation
• Undervoltage Lockout with Hysteresis
• 8-lead (VSSOP-8) Package

APPLICATIONS
• Local Voltage Regulation
• Distributed Power
• Notebook and Palmtop Computers
• Internet Appliances
• Printers and Office Automation
• Battery operated Devices
• Cable Modems
• Battery Chargers

DESCRIPTION
The LM3477/A is a high-side N-channel MOSFET
switching regulator controller. It can be used in
topologies requiring a high side MOSFET such as
buck, inverting (buck-boost) and zeta regulators. The
LM3477/A's internal push pull driver allows
compatibility with a wide range of MOSFETs. This, the wide input voltage range, use of discrete power
components and adjustable current limit allows the
LM3477/A to be optimized for a wide variety of
applications.
The LM3477/A uses a high switching frequency of
500kHz to reduce the overall solution size. Currentmode
control requires only a single resistor and
capacitor for frequency compensation. The current mode architecture also yields superior line and load
regulation and cycle-by-cycle current limiting. A 5μA
shutdown state can be used for power savings and
for power supply sequencing. Other features include
internal soft-start and output over voltage protection.
The internal soft-start reduces inrush current. Over
voltage protection is a safety feature to ensure that
the output voltage stays within regulation.
The LM3477A is similar to the LM3477. The primary
difference between the two is the point at which the
device transitions into hysteretic mode. The hysteretic
threshold of the LM3477A is one-third of the LM3477.




Similar Part No. - LM3477MM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3477MM/NOPB TI-LM3477MM/NOPB Datasheet
1Mb / 35P
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
More results


Similar Description - LM3477MM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 NSC-LM3478 Datasheet
624Kb / 21P
High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
High Efficiency Low-Side N-Channel Controller for Switching Regulators
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com