Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4927SD/NOPB Datasheet (PDF) - Texas Instruments

LM4927SD/NOPB Datasheet PDF - Texas Instruments
Part # LM4927SD/NOPB
Download  LM4927SD/NOPB Download
File Size   1101.2 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4927 Boomer™ Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown

LM4927SD/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4927SD/NOPB Datasheet PDF - Texas Instruments

Part # LM4927SD/NOPB
Download  LM4927SD/NOPB Click to download

File Size   1101.2 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM4927 Boomer™ Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown

LM4927SD/NOPB Datasheet (HTML) - Texas Instruments


LM4927SD/NOPB Product details

FEATURES
• Fully Differential Amplification
• Available in Space-Saving Micro-Array WSON
Package
• Ultra Low Current Shutdown Mode
• Can Drive Capacitive Loads up to 100pF
• Improved Pop & Click Circuitry Eliminates
Noises During Turn-On and Turn-Off
Transitions
• 2.4 - 5.5V Operation
• No Output Coupling Capacitors, Snubber
Networks or Bootstrap Capacitors Required

APPLICATIONS
• Mobile Phones
• PDAs
• Portable Electronic Devices

KEY SPECIFICATIONS
• Improved PSRR at 217Hz, 85dB (Typ)
• Power Output at 5.0V @ 10% THD (4Ω), 2.5W
(Typ)
• Power Output at 3.3V @ 1% THD, 550mW (Typ)
• Shutdown Current, 0.1μA (Typ)

DESCRIPTION
The LM4927 is a fully differential audio power
amplifier primarily designed for demanding
applications in mobile phones and other portable
communication device applications. It is capable of
delivering 2.5 watts of continuous average power to a
4Ω load with less than 10% distortion (THD+N) from
a 5VDC power supply.
Boomer audio power amplifiers were designed
specifically to provide high quality output power with a
minimal amount of external components. The LM4927 does not require output coupling capacitors
or bootstrap capacitors, and therefore is ideally suited
for mobile phone and other low voltage applications
where minimal power consumption is a primary
requirement.
The LM4927 features a low-power consumption
shutdown mode. To facilitate this, Shutdown may be
enabled by logic low. Additionally, the LM4927
features an internal thermal shutdown protection
mechanism.
The LM4927 contains advanced pop & click circuitry
which eliminates noises which would otherwise occur
during turn-on and turn-off transitions.




Similar Part No. - LM4927SD/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4927SD/NOPB TI1-LM4927SD/NOPB Datasheet
939Kb / 20P
Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results


Similar Description - LM4927SD/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com