Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM1B Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

EM1B Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # EM1B
Download  EM1B Download

File Size   49.44 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description PLASTIC SILICON RECTIFIER

EM1B Datasheet (PDF)

Go To PDF Page Download Datasheet
EM1B Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # EM1B
Download  EM1B Click to download

File Size   49.44 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description PLASTIC SILICON RECTIFIER

EM1B Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

EM1B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited EM1B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

EM1B Product details

VOLTAGE RANGE: 100 --- 1000 V
CURRENT: 1.0 A

FEATURES
◇ Low cost
◇ Diffused junction
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Freon,Alcohol,Isopropanol
   and similar solvents
◇ The plastic material carries U/L recognition 94V-0

MECHANICAL DATA
◇ Case:JEDEC DO--41,molded plastic
◇ Terminals: Axial lead ,solderable per
   MIL- STD-202,Method 208
◇ Polarity: Color band denotes cathode
◇ Weight: 0.012ounces,0.34 grams
◇ Mounting position: Any




Similar Part No. - EM1B

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EM1B SANKEN-EM1B Datasheet
23Kb / 1P
   Rectifier Diodes
EM1B SANKEN-EM1B Datasheet
23Kb / 1P
   Rectifier Diodes
logo
Shenzhen Luguang Electr...
EM1B LUGUANG-EM1B Datasheet
174Kb / 2P
   Plastic Silicon Rectifiers
logo
Sanken electric
EM1B SANKEN-EM1B Datasheet
179Kb / 4P
   Silicon Diode
More results


Similar Description - EM1B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com