Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA6.5 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

SA6.5 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # SA6.5
Download  SA6.5 Download

File Size   86.01 Kbytes
Page   4 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description TRANSIENT VOLTAGE SUPPRESSOR

SA6.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA6.5 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # SA6.5
Download  SA6.5 Click to download

File Size   86.01 Kbytes
Page   4 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description TRANSIENT VOLTAGE SUPPRESSOR

SA6.5 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

SA6.5 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SA6.5 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SA6.5 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SA6.5 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited

SA6.5 Product details

BREAKDOWN VOLTAGE: 5.0 --- 170 V
PEAK PULSE POWER: 500 W

FEATURES
◇ Plastic package gas Underwriters Laboratory
   Flammability Classification 94V-0
◇ Glass passivated junction
◇ 500W peak pulse power capability with a 10/1000µs
   waveform, repetition rate (duty cycle): 0.01%
◇ Excellent clamping capability
◇ Low incremental surge resistance
◇ Fast response time: typically less than 1.0ps from 0 Volts to
   V(BR) for uni-directional and 5.0ns for bidirectional types
◇ Typical ID Less than 1 µA above 10V
◇ High temperature soldering guaranteed:265 ℃ / 10 seconds,
   0.375"(9.5mm) lead length, 51bs. (2.3kg) tension




Similar Part No. - SA6.5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA6.5 PANJIT-SA6.5 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Anova Technologies CO.,...
SA6.5 ANOVA-SA6.5 Datasheet
354Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
DAESAN ELECTRONIC CORP.
SA6.5 DAESAN-SA6.5 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Socay Electornics Co., ...
SA6.5 SOCAY-SA6.5 Datasheet
475Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Won-Top Electronics
SA6.5 WTE-SA6.5 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results


Similar Description - SA6.5

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com