Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4071ATA+ Datasheet (PDF) - Analog Devices

MAX4071ATA+ Datasheet PDF - Analog Devices
Part # MAX4071ATA+
Download  MAX4071ATA+ Download
File Size   2154.34 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional, High-Side, Current-Sense Amplifiers with Reference

MAX4071ATA+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4071ATA+ Datasheet PDF - Analog Devices

Part # MAX4071ATA+
Download  MAX4071ATA+ Click to download

File Size   2154.34 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Bidirectional, High-Side, Current-Sense Amplifiers with Reference

MAX4071ATA+ Datasheet (HTML) - Analog Devices


MAX4071ATA+ Product details

Features
●● Bidirectional, Compact, Current-Sense Solution
●● Total Output Error Less than 1.5%
●● Selectable Gain of 50V/V or 100V/V
●● Wide 1.35V to 24V Common-Mode Range
Independent of Supply Voltage
●● 2.7V to 24V Single-Supply Operation
●● Internal Precision Reference
• Adjustable (MAX4069)
• 2.50V (MAX4070)
• 1.50V (MAX4071)
●● Low 100μA Supply Current
●● 10μA Supply Current in Shutdown
●● Available in Space-Saving Packages
• 8-Pin Thin QFN (MAX4070/MAX4071/MAX4072)
• 8-Pin μMAX (MAX4070/MAX4071/MAX4072)
• 10-Pin μMAX (MAX4069)




Similar Part No. - MAX4071ATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4071ATA+ MAXIM-MAX4071ATA+ Datasheet
2Mb / 14P
Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results


Similar Description - MAX4071ATA+

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
High/low-side, bidirectional, zero-drift current sense amplifiers
Feb-2020
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
High/low-side, bidirectional, zero-drift current sense amplifiers
02-Aug-2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com