Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX40016ATE+T Datasheet (PDF) - Analog Devices

MAX40016ATE+T Datasheet PDF - Analog Devices
Part # MAX40016ATE+T
Download  MAX40016ATE+T Download
File Size   932.1 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Decade Current Sense Amplifier with Integrated Current Sense Element

MAX40016ATE+T Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX40016ATE+T Datasheet PDF - Analog Devices

Part # MAX40016ATE+T
Download  MAX40016ATE+T Click to download

File Size   932.1 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4-Decade Current Sense Amplifier with Integrated Current Sense Element

MAX40016ATE+T Datasheet (HTML) - Analog Devices


MAX40016ATE+T Product details

Features
●● Integrated Current Sense Element Saves The Space
and Cost of Expensive Precision Sense Resistors
●● 4-Decade Measurement Range
• Maintains Accuracy from < 300μA to > 3A
●● Withstands Overloads to 4A
●● Low Voltage Drop Across Sense Element
• 60mV (Active Mode, 3A Load, WLP Package)
• 35mV (Low Power Mode, 3A Load, WLP Package)
●● Three Multiplexed Scaling Resistor Outputs Allow
Full Dynamic Range while Interfaced to 12-bit ADCs
●● +2.5V to +5.5V Input Supply Voltage Range
●● Low Power Mode Reduces Supply Current to 10μA
Max
●● Space-Saving
• Tiny 1.98mm x 1.3mm, 15-Bump WLP
• 4mm x 4mm 16-Pin TQFN
●● -40°C to +125°C Operating Temperature Range




Similar Part No. - MAX40016ATE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40016ATE+T MAXIM-MAX40016ATE+T Datasheet
940Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
More results


Similar Description - MAX40016ATE+T

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
12FR005 OHMITE-12FR005 Datasheet
139Kb / 1P
Axial Wire Element Current Sense
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
Metal Element Current Sense Resistor
logo
Ohmite Mfg. Co.
13FR025E OHMITE-13FR025E Datasheet
144Kb / 1P
Axial Wire Element Current Sense
logo
List of Unclassifed Man...
12FR050E ETC2-12FR050E Datasheet
143Kb / 1P
Axial Wire Element Current Sense
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
Metal Element Current Sense
logo
Texas Instruments
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
logo
Semtech Corporation
TS94033 SEMTECH-TS94033 Datasheet
1Mb / 10P
Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40016EVKIT MAXIM-MAX40016EVKIT Datasheet
995Kb / 9P
Integrated Current Sense Element
Rev 0; 10/17
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
logo
Rohm
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
Current Sense Amplifier
06.Sep.2022 Rev.001
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com