Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1223 Datasheet (PDF) - California Micro Devices Corp

CM1223 Datasheet PDF - California Micro Devices Corp
Part # CM1223
Download  CM1223 Download

File Size   626.05 Kbytes
Page   13 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection

CM1223 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM1223 Datasheet PDF - California Micro Devices Corp

Part # CM1223
Download  CM1223 Click to download

File Size   626.05 Kbytes
Page   13 Pages
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection

CM1223 Datasheet (HTML) - California Micro Devices Corp

Back Button CM1223 Datasheet HTML 1Page - California Micro Devices Corp CM1223 Datasheet HTML 2Page - California Micro Devices Corp CM1223 Datasheet HTML 3Page - California Micro Devices Corp CM1223 Datasheet HTML 4Page - California Micro Devices Corp CM1223 Datasheet HTML 5Page - California Micro Devices Corp CM1223 Datasheet HTML 6Page - California Micro Devices Corp CM1223 Datasheet HTML 7Page - California Micro Devices Corp CM1223 Datasheet HTML 8Page - California Micro Devices Corp CM1223 Datasheet HTML 9Page - California Micro Devices Corp CM1223 Datasheet HTML 10Page - California Micro Devices Corp Next Button 

CM1223 Product details

Product Description
The CM1223 family of diode arrays has been designed to provide ESD protection for electronic components or sub-systems requiring minimal capacitive loading. These devices are ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading.

Features
• 2, 4, and 8 channels of ESD protection with integrated backdrive protection on all lines
• Provides ESD protection to IEC61000-4-2 Level 4
    - 8kV contact discharge
    - 15kV air discharge
• Low channel input capacitance of 1.0pF typical
• Minimal capacitance change with temperature and voltage
• Channel I/O to Gnd capacitance difference of 0.02pF typical is ideal for differential signalsl
• Mutual capacitance between signal pin and adjacent signal pin - 0.11pF typical
• Zener diode protects supply rail and eliminates the need for external by-pass capacitors
• Pin compatible with CM1213-02, -04, and -08
• Each I/O pin can withstand over 1000 ESD strikes
• Available in SOT, and MSOP packages
• Lead-free version available

Applications
• USB2.0 ports at 480Mbps in desktop PCs, notebooks and peripherals
• IEEE1394 Firewire® ports at 400Mbps / 800Mbps
• DVI ports, HDMI ports in notebooks, set top boxes, digital TVs, LCD displays
• UDI and Displayport
• Serial ATA ports in desktop PCs and hard disk drives
• PCI Express ports
• General purpose high-speed data line ESD protection




Similar Part No. - CM1223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM1223 ETC2-CM1223 Datasheet
346Kb / 1P
   12 X 2 LCD CHARACTER MODULE
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
logo
Visual Communications C...
CM1223 VCC-CM1223 Datasheet
30Kb / 1P
   Base
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
CM1223-02SO ONSEMI-CM1223-02SO Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
More results


Similar Description - CM1223

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1223 ONSEMI-CM1223 Datasheet
599Kb / 19P
   Industry First Low Capacitance ESD Protection Arrays w/Backdrive Protection
April 2010 ??Rev.4
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
CM1293 ONSEMI-CM1293 Datasheet
344Kb / 10P
   8-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 3
logo
STMicroelectronics
ESDALC6V1PX STMICROELECTRONICS-ESDALC6V1PX_08 Datasheet
233Kb / 9P
   Low capacitance Transil??arrays for ESD protection
logo
Pan Jit International I...
PJESD5V6LC-4 PANJIT-PJESD5V6LC-4 Datasheet
262Kb / 4P
   Low capacitance TVS arrays for ESD protection
logo
ON Semiconductor
CM1225 ONSEMI-CM1225 Datasheet
344Kb / 11P
   4-Channel Low Capacitance ESD Protection Arrays
April 2010 ??Rev. 2
logo
STMicroelectronics
ESDALC6V1-5T6 STMICROELECTRONICS-ESDALC6V1-5T6 Datasheet
161Kb / 11P
   Low capacitance Transil arrays for ESD protection
March 2011 Rev 2
logo
Pan Jit International I...
PJESD5V6LC-2W PANJIT-PJESD5V6LC-2W Datasheet
167Kb / 3P
   Low capacitance TVS arrays for ESD protection
logo
NXP Semiconductors
PESD5V0U5BF NXP-PESD5V0U5BF Datasheet
90Kb / 12P
   Ultra low capacitance bidirectional fivefold ESD protection arrays
Rev. 01-15 August 2008
More results




About California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com