Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0199A Datasheet (PDF) - Golledge Electronics Ltd

TB0199A Datasheet PDF - Golledge Electronics Ltd
Part # TB0199A
Download  TB0199A Download

File Size   486.62 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description IF SAW Filter 38.9120 MHz

TB0199A Datasheet (PDF)

Go To PDF Page Download Datasheet
TB0199A Datasheet PDF - Golledge Electronics Ltd

Part # TB0199A
Download  TB0199A Click to download

File Size   486.62 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description IF SAW Filter 38.9120 MHz

TB0199A Datasheet (HTML) - Golledge Electronics Ltd

TB0199A Datasheet HTML 1Page - Golledge Electronics Ltd TB0199A Datasheet HTML 2Page - Golledge Electronics Ltd TB0199A Datasheet HTML 3Page - Golledge Electronics Ltd TB0199A Datasheet HTML 4Page - Golledge Electronics Ltd



Similar Part No. - TB0199A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0199A TAI-SAW-TB0199A Datasheet
431Kb / 5P
   SAW Filter 38.912 MHz SMD 9.1 X 4.8 mm
logo
Golledge Electronics Lt...
TB0199A GOLLEDGE-TB0199A Datasheet
218Kb / 4P
   IF SAW Filter 38.9120 MHz
More results


Similar Description - TB0199A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA04926 GOLLEDGE-MA04926 Datasheet
218Kb / 4P
   IF SAW Filter 38.9120 MHz
logo
Oscilent Corporation
820-IF120.0M-C OSCILENT-820-IF120.0M-C Datasheet
270Kb / 2P
   120.0 MHz IF SAW Filter
logo
Golledge Electronics Lt...
MA04889 GOLLEDGE-MA04889 Datasheet
214Kb / 6P
   IF SAW Filter 380 MHz
logo
Oscilent Corporation
815-IF43.5M-C OSCILENT-815-IF43.5M-C_14 Datasheet
136Kb / 4P
   43.5 MHz IF SAW Filter
logo
Transko Electronics, In...
TF-011001-SE0 TRANSKO-TF-011001-SE0 Datasheet
500Kb / 3P
   110.00 MHz IF SAW Filter
Revision 0: Oct. 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TB0692A TAI-SAW-TB0692A Datasheet
287Kb / 4P
   IF SAW Filter 35.225 MHz
TB0796A TAI-SAW-TB0796A Datasheet
340Kb / 5P
   IF SAW Filter 38 MHz
TB0197A TAI-SAW-TB0197A Datasheet
171Kb / 4P
   IF SAW Filter 110.592 MHz
TB0260A TAI-SAW-TB0260A Datasheet
819Kb / 8P
   IF SAW Filter 168.5 MHz
TB0410A TAI-SAW-TB0410A Datasheet
275Kb / 7P
   IF SAW Filter 200 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com