Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT14 Datasheet (PDF) - STMicroelectronics

M74HCT14 Datasheet PDF - STMicroelectronics
Part # M74HCT14
Download  M74HCT14 Download

File Size   231.61 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX SCHMITT INVERTER

M74HCT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT14 Datasheet PDF - STMicroelectronics

Part # M74HCT14
Download  M74HCT14 Click to download

File Size   231.61 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX SCHMITT INVERTER

M74HCT14 Datasheet (HTML) - STMicroelectronics

M74HCT14 Datasheet HTML 1Page - STMicroelectronics M74HCT14 Datasheet HTML 2Page - STMicroelectronics M74HCT14 Datasheet HTML 3Page - STMicroelectronics M74HCT14 Datasheet HTML 4Page - STMicroelectronics M74HCT14 Datasheet HTML 5Page - STMicroelectronics M74HCT14 Datasheet HTML 6Page - STMicroelectronics M74HCT14 Datasheet HTML 7Page - STMicroelectronics M74HCT14 Datasheet HTML 8Page - STMicroelectronics M74HCT14 Datasheet HTML 9Page - STMicroelectronics

M74HCT14 Product details

DESCRIPTION

The M54/74HCT14 is a high speed CMOS HEX SCHMITT INVERTER fabricated in silicon gate C2MOS technology. It has the same highspeed performance of LSTTL combined with true CMOS low power consumption. Pin configuration and function are the same as those of the HCT04 but all inputs have 0.7 V hysteresis level.This together with its schmitt trigger function allows it to be used on line receivers with slow rise/fall input signals.



. HIGH SPEED

  tPD = 16 ns (TYP.) AT VCC = 5 V

. LOW POWER DISSIPATION

  ICC = 1 µA (MAX.) AT TA = 25°C

. HIGH NOISE IMMUNITY

  VH = 0.7 V (TYP.) AT VCC = 5 V

. OUTPUT DRIVE CAPABILITY

  10 LSTTL LOADS

. SYMMETRICAL OUTPUT IMPEDANCE

IOH = IOL = 4 mA (MIN.)

. BALANCED PROPAGATION DELAYS

  tPLH = tPHL

. PIN AND FUNCTION COMPATIBLE WITH 54/74LS14




Similar Part No. - M74HCT14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT14 STMICROELECTRONICS-M74HCT14 Datasheet
170Kb / 8P
   HEX SCHMITT INVERTER
July 2001
M74HCT14B1 STMICROELECTRONICS-M74HCT14B1 Datasheet
170Kb / 8P
   HEX SCHMITT INVERTER
July 2001
M74HCT14B1R STMICROELECTRONICS-M74HCT14B1R Datasheet
170Kb / 8P
   HEX SCHMITT INVERTER
July 2001
M74HCT14M1R STMICROELECTRONICS-M74HCT14M1R Datasheet
170Kb / 8P
   HEX SCHMITT INVERTER
July 2001
M74HCT14RM13TR STMICROELECTRONICS-M74HCT14RM13TR Datasheet
170Kb / 8P
   HEX SCHMITT INVERTER
July 2001
More results


Similar Description - M74HCT14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com