Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC04 Datasheet (PDF) - STMicroelectronics

M74HC04 Datasheet PDF - STMicroelectronics
Part # M74HC04
Download  M74HC04 Download

File Size   167.86 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER

M74HC04 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC04 Datasheet PDF - STMicroelectronics

Part # M74HC04
Download  M74HC04 Click to download

File Size   167.86 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER

M74HC04 Datasheet (HTML) - STMicroelectronics

M74HC04 Datasheet HTML 1Page - STMicroelectronics M74HC04 Datasheet HTML 2Page - STMicroelectronics M74HC04 Datasheet HTML 3Page - STMicroelectronics M74HC04 Datasheet HTML 4Page - STMicroelectronics M74HC04 Datasheet HTML 5Page - STMicroelectronics M74HC04 Datasheet HTML 6Page - STMicroelectronics M74HC04 Datasheet HTML 7Page - STMicroelectronics M74HC04 Datasheet HTML 8Page - STMicroelectronics

M74HC04 Product details

DESCRIPTION
The M74HC04 is an high speed CMOS HEX INVERTER fabricated with silicon gate C2MOS technology.
   
■ HIGH SPEED:
    tPD = 8ns (TYP.) at VCC = 6V
■ LOW POWER DISSIPATION:
    ICC = 1µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28 % VCC (MIN.)
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 4mA (MIN) at VCC = 4.5V
■ BALANCED PROPAGATION DELAYS:
    tPLH ≅ tPHL
■ WIDE OPERATING VOLTAGE RANGE:
    VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH
    74 SERIES 04
   




Similar Part No. - M74HC04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC04 STMICROELECTRONICS-M74HC04 Datasheet
232Kb / 9P
   HEX INVERTER
December 1992
M74HC04B1R STMICROELECTRONICS-M74HC04B1R Datasheet
232Kb / 9P
   HEX INVERTER
December 1992
M74HC04C1R STMICROELECTRONICS-M74HC04C1R Datasheet
232Kb / 9P
   HEX INVERTER
December 1992
M74HC04M1R STMICROELECTRONICS-M74HC04M1R Datasheet
232Kb / 9P
   HEX INVERTER
December 1992
More results


Similar Description - M74HC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com