| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX5035
|
382Kb / 17P |
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03 |
|
MAX5033
|
292Kb / 17P |
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04 |
|
MAX5080
|
962Kb / 19P |
1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07 |
|
MAX5082
|
404Kb / 18P |
1.5A, 40V, MAXPower Step-Down DC-DC Converters
Rev 0; 5/05 |
|
MAX5035
|
304Kb / 17P |
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09 |
|
MAX5035
|
288Kb / 17P |
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11 |
|
MAX5090CATE-T
|
664Kb / 17P |
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06 |
|
MAX5033
|
1Mb / 17P |
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014 |
|
MAX5080
|
1Mb / 19P |
1A, 40V, MAXPower Step-Down DC-DC Converters
2018 |
|
MAX5090A
|
2Mb / 17P |
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014 |