Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4748EBE-T Datasheet (PDF) - Maxim Integrated Products

MAX4748EBE-T Datasheet PDF - Maxim Integrated Products
Part # MAX4748EBE-T
Download  MAX4748EBE-T Download

File Size   468.14 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP

MAX4748EBE-T Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4748EBE-T Datasheet PDF - Maxim Integrated Products

Part # MAX4748EBE-T
Download  MAX4748EBE-T Click to download

File Size   468.14 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP

MAX4748EBE-T Datasheet (HTML) - Maxim Integrated Products

Back Button MAX4748EBE-T Datasheet HTML 1Page - Maxim Integrated Products MAX4748EBE-T Datasheet HTML 2Page - Maxim Integrated Products MAX4748EBE-T Datasheet HTML 3Page - Maxim Integrated Products MAX4748EBE-T Datasheet HTML 4Page - Maxim Integrated Products MAX4748EBE-T Datasheet HTML 5Page - Maxim Integrated Products MAX4748EBE-T Datasheet HTML 6Page - Maxim Integrated Products MAX4748EBE-T Datasheet HTML 7Page - Maxim Integrated Products MAX4748EBE-T Datasheet HTML 8Page - Maxim Integrated Products MAX4748EBE-T Datasheet HTML 9Page - Maxim Integrated Products MAX4748EBE-T Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX4748EBE-T Product details

General Description
The MAX4747–MAX4750 low-voltage, quad single-pole single-throw (SPST)/dual single-pole/double-throw (SPDT) analog switches operate from a single +2V to +11V supply and handle rail-to-rail analog signals. These switches exhibit low leakage current (0.1nA) and consume less than 0.5nW (typ) of quiescent power, making them ideal for battery-powered applications.
When powered from a +3V supply, these switches feature 50Ω (max) on-resistance (RON), with 3.5Ω (max) matching between channels and 9Ω (max) flatness over the specified signal range.
The MAX4747 has four normally open (NO) switches, the MAX4748 has four normally closed (NC) switches, and the MAX4749 has two NO and two NC switches. The MAX4750 has two SPDT switches. These switches are available in 14-pin TSSOP, 16-pin thin QFN (4mm x 4mm), and 16-bump chip-scale packages (UCSP™). This tiny chip-scale package occupies a 2mm ✕ 2mm area and significantly reduces the required PC board area.

Features
♦ 2mm ✕ 2mm UCSP
♦ Guaranteed On-Resistance (RON)
   25Ω (max) at +5V
   50Ω (max) at +3V
♦ On-Resistance Matching
   3Ω (max) at +5V
   3.5Ω (max) at +3V
♦ Guaranteed < 0.1nA Leakage Current at TA = +25°C
♦ Single-Supply Operation from +2.0V to +11V
♦ TTL/CMOS-Logic Compatible
♦ -84dB Crosstalk (1MHz)
♦ -72dB Off-Isolation (1MHz)
♦ Low Power Consumption: 0.5nW (typ)
♦ Rail-to-Rail Signal Handling

Applications
   Battery-Powered Systems
   Audio/Video-Signal Routing
   Low-Voltage Data-Acquisition Systems
   Cell Phones
   Communications Circuits
   Glucose Meters
   PDAs




Similar Part No. - MAX4748EBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4748EBE-T MAXIM-MAX4748EBE-T Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
More results


Similar Description - MAX4748EBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4684 MAXIM-MAX4684_09 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com