Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CVSS-940 Datasheet (PDF) - Crystek Corporation

CVSS-940 Datasheet PDF - Crystek Corporation
Part # CVSS-940
Download  CVSS-940 Download

File Size   120.67 Kbytes
Page   2 Pages
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation
Description High Frequency Sine Wave VCXO 9X14 mm SMD, 3.3V, SineWave

CVSS-940 Datasheet (PDF)

Go To PDF Page Download Datasheet
CVSS-940 Datasheet PDF - Crystek Corporation

Part # CVSS-940
Download  CVSS-940 Click to download

File Size   120.67 Kbytes
Page   2 Pages
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation
Description High Frequency Sine Wave VCXO 9X14 mm SMD, 3.3V, SineWave

CVSS-940 Datasheet (HTML) - Crystek Corporation

CVSS-940 Datasheet HTML 1Page - Crystek Corporation CVSS-940 Datasheet HTML 2Page - Crystek Corporation



Similar Part No. - CVSS-940

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CVSS-940 CRYSTEKCRYSTAL-CVSS-940_15 Datasheet
164Kb / 2P
   High Frequency SineWave VCXO
More results


Similar Description - CVSS-940

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCO-983 CRYSTEKCRYSTAL-CCO-983 Datasheet
119Kb / 2P
   9X14 mm SMD,3.3V/5V, SineWave
CVHD-931 CRYSTEKCRYSTAL-CVHD-931 Datasheet
122Kb / 2P
   9X14 mm SMD, 3.3V, CMOS High Performance CMOS VCXO
CVPD-940 CRYSTEKCRYSTAL-CVPD-940 Datasheet
121Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
CVPD-970 CRYSTEKCRYSTAL-CVPD-970 Datasheet
126Kb / 2P
   Differential LVPECL VCXO 9X14 mm SMD, 3.3V, LVPECL
CVSS-940 CRYSTEKCRYSTAL-CVSS-940_15 Datasheet
164Kb / 2P
   High Frequency SineWave VCXO
logo
QUARTZCOM the communica...
VXO-SK-S-4P QUARTZCOM-VXO-SK-S-4P Datasheet
106Kb / 1P
   SMD VCXO Sine wave Output frequency up to 400 MHz
VXO-SW-S-8P QUARTZCOM-VXO-SW-S-8P Datasheet
103Kb / 1P
   SMD VCXO Sine wave Output frequency up to 1 GHz
logo
Crystek Corporation
CVHD-930 CRYSTEKCRYSTAL-CVHD-930 Datasheet
76Kb / 2P
   9X14 mm SMD, 3.3V, CMOS
logo
Nel Frequency Controls,...
AB-A3A1XX NEL-AB-A3A1XX Datasheet
139Kb / 3P
   SINE-WAVE UHF VCXO
logo
Crystek Corporation
CVHD-956 CRYSTEKCRYSTAL-CVHD-956 Datasheet
124Kb / 2P
   HCMOS/TTL VCXO with Enable/Disable 9X14 mm SMD, 3.3V, HCMOS/TTL
More results




About Crystek Corporation


Crystek Corporation is a company that designs and manufactures high-performance frequency control and timing products for a wide range of industries, including aerospace, defense, telecommunications, and medical equipment.

The company's product portfolio includes crystal oscillators, VCXOs (voltage-controlled crystal oscillators), TCXOs (temperature-compensated crystal oscillators), OCXOs (oven-controlled crystal oscillators), and RF/microwave components such as filters, mixers, and amplifiers.

Crystek Corporation was founded in 1958 and is based in Fort Myers, Florida, USA. The company has a strong focus on research and development, and it works closely with its customers to provide customized solutions to meet their specific requirements. Crystek is also known for its high-quality manufacturing processes and rigorous testing procedures, which help to ensure the reliability and performance of its products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com