Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPND-4005 Datasheet (PDF) - Agilent(Hewlett-Packard)

HPND-4005 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HPND-4005
Download  HPND-4005 Download

File Size   40.63 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Beam Lead PIN Diode

HPND-4005 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPND-4005 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HPND-4005
Download  HPND-4005 Click to download

File Size   40.63 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Beam Lead PIN Diode

HPND-4005 Datasheet (HTML) - Agilent(Hewlett-Packard)

HPND-4005 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPND-4005 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPND-4005 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPND-4005 Datasheet HTML 4Page - Agilent(Hewlett-Packard)

HPND-4005 Product details

Description
The HPND-4005 planar beam lead PIN diode is constructed to offer exceptional lead strength while achieving excellent electrical performance at high frequencies. High beam strength offers users superior assembly yield, while extremely low capacitance allows high isolation to be realized.
Nitride passivation and polyimide coating provide reliable device protection.

Features
• High Breakdown Voltage
   120 V Typical
• Low Capacitance
   0.017 pF Typical
• Low Resistance
   4.7 Ω Typical
• Rugged Construction
   4 Grams Minimum Lead Pull
• Nitride Passivated

Applications
   The HPND-4005 beam lead PIN
   diode is designed for use in
   stripline or microstrip circuits.
   Applications include switching,
   attenuating, phase shifting,
   limiting, and modulating at
   microwave frequencies. The
   extremely low capacitance of the
   HPND-4005 makes it ideal for
   circuits requiring high isolation in
   a series diode configuration.




Similar Part No. - HPND-4005

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HPND-4005 AVAGO-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
logo
Broadcom Corporation.
HPND-4005 BOARDCOM-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
More results


Similar Description - HPND-4005

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HPND-4005 AVAGO-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
logo
Broadcom Corporation.
HPND-4005 BOARDCOM-HPND-4005 Datasheet
127Kb / 4P
   Beam Lead PIN Diode
logo
M/A-COM Technology Solu...
MPND4005-X MA-COM-MPND4005-X Datasheet
502Kb / 3P
   Planar Beam Lead PIN Diode
logo
Skyworks Solutions Inc.
DSG9500-000 SKYWORKS-DSG9500-000 Datasheet
89Kb / 5P
   Planar Beam Lead PIN Diode
logo
Advanced Semiconductor
ASB8000 ASI-ASB8000 Datasheet
15Kb / 1P
   SILICON BEAM LEAD PIN DIODE
logo
Tyco Electronics
MA4AGBLP912 MACOM-MA4AGBLP912 Datasheet
87Kb / 5P
   AlGaAs Beam Lead PIN Diode
logo
Skyworks Solutions Inc.
DSM8100-000 SKYWORKS-DSM8100-000 Datasheet
68Kb / 5P
   Mesa Beam Lead PIN Diode
logo
M/A-COM Technology Solu...
MA4PBL027 MA-COM-MA4PBL027_15 Datasheet
176Kb / 4P
   HMIC Silicon Beam Lead PIN Diode
logo
Advanced Semiconductor
HSCH5531 ASI-HSCH5531 Datasheet
14Kb / 1P
   BEAM LEAD SCHOTTKY DIODE
logo
Tyco Electronics
MA4PBL027 MACOM-MA4PBL027 Datasheet
313Kb / 5P
   HMICTM Silicon Beam-Lead PIN Diodes
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com