Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13110A Datasheet (PDF) - Motorola, Inc

MC13110A Datasheet PDF - Motorola, Inc
Part # MC13110A
Download  MC13110A Download

File Size   1318.06 Kbytes
Page   68 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC

MC13110A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC13110A Datasheet PDF - Motorola, Inc

Part # MC13110A
Download  MC13110A Click to download

File Size   1318.06 Kbytes
Page   68 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC

MC13110A Datasheet (HTML) - Motorola, Inc

Back Button MC13110A Datasheet HTML 1Page - Motorola, Inc MC13110A Datasheet HTML 2Page - Motorola, Inc MC13110A Datasheet HTML 3Page - Motorola, Inc MC13110A Datasheet HTML 4Page - Motorola, Inc MC13110A Datasheet HTML 5Page - Motorola, Inc MC13110A Datasheet HTML 6Page - Motorola, Inc MC13110A Datasheet HTML 7Page - Motorola, Inc MC13110A Datasheet HTML 8Page - Motorola, Inc MC13110A Datasheet HTML 9Page - Motorola, Inc MC13110A Datasheet HTML 10Page - Motorola, Inc Next Button 

MC13110A Product details

Universal Cordless Telephone Subsystem IC

The MC13110A/B and MC13111A/B integrates several of the functions required for a cordless telephone into a single integrated circuit. This significantly reduces component count, board space requirements, external adjustments, and lowers overall costs. It is designed for use in both the handset and the base.

• MC13110A and MC13111A: Fully Programmable in all Power Modes
• MC13110B and MC13111B: MPU Clk Out and Second Local Oscillator are “Always On”. There is No Inactive Mode
• Dual Conversion FM Receiver
    – Complete Dual Conversion Receiver – Antenna Input to Audio Out 80 MHz Maximum Carrier Frequency
    – RSSI Output
    – Carrier Detect Output with Programmable Threshold
    – Comparator for Data Recovery
    – Operates with Either a Quad Coil or Ceramic Discriminator
• Compander
    – Expander Includes Mute, Digital Volume Control, Speaker Driver, Programmable Low Pass Filter, and Gain Block
    – Compressor Includes Mute, Programmable Low Pass Filter, Limiter, and Gain Block
• MC13110A/B only: Frequency Inversion Scrambler
    – Function Controlled via MPU Interface
    – Programmable Carrier Modulation Frequency
• Dual Universal Programmable PLL
    – Supports New 25 Channel U.S. Standard with No External Switches
    – Universal Design for Domestic and Foreign Cordless Telephone Standards
    – Digitally Controlled Via a Serial Interface Port
    – Receive Side Includes 1st LO VCO, Phase Detector, and 14–Bit Programmable Counter and 2nd LO with 12–Bit Counter
    – Transmit Section Contains Phase Detector and 14–Bit Counter
    – MPU Clock Outputs Eliminates Need for MPU Crystal
• Low Battery Detect
    – Provides Two Levels of Monitoring with Separate Outputs
    – Separate, Adjustable Trip Points
• 2.7 to 5.5 V Operation (15 µA Current Consumption in Inactive Mode)
• AN1575: Refer to this Application Note for a List of the “Worldwide Cordless Telephone Frequencies




Similar Part No. - MC13110A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
MC1310 LAMBDA-MC1310 Datasheet
1Mb / 4P
   MC13-SERIES
logo
Motorola, Inc
MC13104 MOTOROLA-MC13104 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13104D MOTOROLA-MC13104D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105 MOTOROLA-MC13105 Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
MC13105D MOTOROLA-MC13105D Datasheet
41Kb / 1P
   1.0GHz Receiver LNA/Mixer/VCO
More results


Similar Description - MC13110A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com