Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST62T20BT6/OTP Datasheet (PDF) - STMicroelectronics

ST62T20BT6/OTP Datasheet PDF - STMicroelectronics
Part # ST62T20BT6/OTP
Download  ST62T20BT6/OTP Download

File Size   1576.63 Kbytes
Page   104 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET

ST62T20BT6/OTP Datasheet (PDF)

Go To PDF Page Download Datasheet
ST62T20BT6/OTP Datasheet PDF - STMicroelectronics

Part # ST62T20BT6/OTP
Download  ST62T20BT6/OTP Click to download

File Size   1576.63 Kbytes
Page   104 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET

ST62T20BT6/OTP Datasheet (HTML) - STMicroelectronics

Back Button ST62T20BT6/OTP Datasheet HTML 1Page - STMicroelectronics ST62T20BT6/OTP Datasheet HTML 2Page - STMicroelectronics ST62T20BT6/OTP Datasheet HTML 3Page - STMicroelectronics ST62T20BT6/OTP Datasheet HTML 4Page - STMicroelectronics ST62T20BT6/OTP Datasheet HTML 5Page - STMicroelectronics ST62T20BT6/OTP Datasheet HTML 6Page - STMicroelectronics ST62T20BT6/OTP Datasheet HTML 7Page - STMicroelectronics ST62T20BT6/OTP Datasheet HTML 8Page - STMicroelectronics ST62T20BT6/OTP Datasheet HTML 9Page - STMicroelectronics ST62T20BT6/OTP Datasheet HTML 10Page - STMicroelectronics Next Button 

ST62T20BT6/OTP Product details

INTRODUCTION
The ST6208C, 09C, 10C and 20C devices are low cost members of the ST62xx 8-bit HCMOS family of microcontrollers, which is targeted at low to medium complexity applications. All ST62xx devices are based on a building block approach: a common core is surrounded by a number of on-chip peripherals.

■ Memories
    – 1K, 2K or 4K bytes Program memory (OTP, EPROM, FASTROM or ROM) with read-out protection
    – 64 bytes RAM
■ Clock, Reset and Supply Management
    – Enhanced reset system
    – Low Voltage Detector (LVD) for Safe Reset
    – Clock sources: crystal/ceramic resonator or RC network, external clock, backup oscillator (LFAO)
    – Oscillator Safeguard (OSG)
    – 2 Power Saving Modes: Wait and Stop
■ Interrupt Management
    – 4 interrupt vectors plus NMI and RESET
    – 12 external interrupt lines (on 2 vectors)
■ 12 I/O Ports
    – 12 multifunctional bidirectional I/O lines
    – 8 alternate function lines
    – 4 high sink outputs (20mA)
■ 2 Timers
    – Configurable watchdog timer
    – 8-bit timer/counter with a 7-bit prescaler
■ Analog Peripheral
    – 8-bit ADC with 4 or 8 input channels (excepton ST6208C)
■ Instruction Set
    – 8-bit data manipulation
    – 40 basic instructions
    – 9 addressing modes
    – Bit manipulation
■ Development Tools
    – Full hardware/software development package




Similar Part No. - ST62T20BT6/OTP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T20B6/HWD STMICROELECTRONICS-ST62T20B6/HWD Datasheet
4Mb / 67P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER
October 1996
ST62T20B6/SWD STMICROELECTRONICS-ST62T20B6/SWD Datasheet
4Mb / 67P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER
October 1996
More results


Similar Description - ST62T20BT6/OTP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6215C STMICROELECTRONICS-ST6215C_09 Datasheet
1Mb / 105P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6208C STMICROELECTRONICS-ST6208C_10 Datasheet
1Mb / 104P
   8-bit MCUs with A/D converter,two timers, oscillator safeguard & safe reset
ST6200CM-AUTO STMICROELECTRONICS-ST6200CM-AUTO Datasheet
2Mb / 96P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T00CM6 STMICROELECTRONICS-ST62T00CM6 Datasheet
3Mb / 100P
   8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6215C STMICROELECTRONICS-ST6215C Datasheet
1Mb / 105P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T00CB6 STMICROELECTRONICS-ST62T00CB6 Datasheet
3Mb / 100P
   8-bit MCUs with A/D converter two timers, oscillator safeguard & safe reset
ST62T01CB6 STMICROELECTRONICS-ST62T01CB6 Datasheet
2Mb / 96P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST6200C STMICROELECTRONICS-ST6200C_03 Datasheet
1Mb / 100P
   8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
ST62T00C STMICROELECTRONICS-ST62T00C Datasheet
472Kb / 70P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com