Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

521-9173 Datasheet (PDF) - Dialight Corporation

521-9173 Datasheet PDF - Dialight Corporation
Part # 521-9173
Download  521-9173 Download

File Size   17.86 Kbytes
Page   1 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 5mm DISCRETE LED LOW PROFILE DUFFUSED

521-9173 Datasheet (PDF)

Go To PDF Page Download Datasheet
521-9173 Datasheet PDF - Dialight Corporation

Part # 521-9173
Download  521-9173 Click to download

File Size   17.86 Kbytes
Page   1 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 5mm DISCRETE LED LOW PROFILE DUFFUSED

521-9173 Datasheet (HTML) - Dialight Corporation

521-9173 Datasheet HTML 1Page - Dialight Corporation



Similar Part No. - 521-9173

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
521-91-108-12-051-001 PREDIP-521-91-108-12-051-001 Datasheet
62Kb / 1P
   Pin grid array sockets / interconnect receptacle and pin / solder tail Receptacle with wire-wrap posts
logo
Dialight Corporation
521-9183 DIALIGHT-521-9183 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
521-9183 DIALIGHT-521-9183 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
521-9183 DIALIGHT-521-9183 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
521-9183 DIALIGHT-521-9183 Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
More results


Similar Description - 521-9173

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9320 DIALIGHT-521-9320 Datasheet
17Kb / 1P
   5mm Discrete LED Low Current, 2mA Diffused
521-9320 DIALIGHT-521-9320 Datasheet
17Kb / 1P
   5mm Discrete LED Low Current, 2mA Diffused
521-9450 DIALIGHT-521-9450_1 Datasheet
419Kb / 1P
   5mm Discrete LED 3 Leaded, Non-Tinted, Diffused
logo
Picker Components
PC302 PICKER-PC302 Datasheet
1Mb / 2P
   low 5mm profile
logo
OptoSupply Internationa...
OSXXXX5A33A-1MA OPTOSUPPLY-OSXXXX5A33A-1MA Datasheet
123Kb / 1P
   5mm Low Current LED
VER A.0
logo
Dialight Corporation
521-9450 DIALIGHT-521-9450 Datasheet
19Kb / 1P
   5mm Discrete LED Bi-Color 3 Leaded, Non-Tinted, Diffused
521-9324 DIALIGHT-521-9324 Datasheet
19Kb / 1P
   3mm Discrete LED Low Current Diffused
logo
LUMEX INC.
SSI-LX5063ID-150 LUMEX-SSI-LX5063ID-150 Datasheet
73Kb / 1P
   SHORT PROFILE T-5mm LED
logo
NTE Electronics
NTE3007 NTE-NTE3007 Datasheet
22Kb / 3P
   Discrete LED Indicators
NTE3012 NTE-NTE3012 Datasheet
80Kb / 2P
   Discrete LED Indicators
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com