Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-12S0181.9 Datasheet (PDF) - STMicroelectronics

GS-12S0181.9 Datasheet PDF - STMicroelectronics
Part # GS-12S0181.9
Download  GS-12S0181.9 Download

File Size   447.52 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.9 A DC-DC converter modules

GS-12S0181.9 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS-12S0181.9 Datasheet PDF - STMicroelectronics

Part # GS-12S0181.9
Download  GS-12S0181.9 Click to download

File Size   447.52 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.9 A DC-DC converter modules

GS-12S0181.9 Datasheet (HTML) - STMicroelectronics

Back Button GS-12S0181.9 Datasheet HTML 1Page - STMicroelectronics GS-12S0181.9 Datasheet HTML 2Page - STMicroelectronics GS-12S0181.9 Datasheet HTML 3Page - STMicroelectronics GS-12S0181.9 Datasheet HTML 4Page - STMicroelectronics GS-12S0181.9 Datasheet HTML 5Page - STMicroelectronics GS-12S0181.9 Datasheet HTML 6Page - STMicroelectronics GS-12S0181.9 Datasheet HTML 7Page - STMicroelectronics GS-12S0181.9 Datasheet HTML 8Page - STMicroelectronics GS-12S0181.9 Datasheet HTML 9Page - STMicroelectronics GS-12S0181.9 Datasheet HTML 10Page - STMicroelectronics Next Button 

GS-12S0181.9 Product details

Description
The GS-R12FP series is a family of high efficiency step down switching voltage regulator, designed to replace linear regulators.
Based on L5973AD device, this non isolated family of regulators are suitable for the full spectrum of applications including telecom, industry, computer and distributed power system applications having a widely ranging input voltage.

Features
■ MTBF 1 000 000 hours (TA = 25 °C)
■ 1.9 A max output current
■ 16 V max input voltage
■ 1.5 V max drop-out voltage
■ Remote logic inhibit/enable
■ Synchronization
■ Not-latching overload and short circuit protection
■ Thermal shutdown
■ Fixed or adjustable output
■ No heatsink required
■ Operating temperature range -25 °C ÷ 85 °C




Similar Part No. - GS-12S0181.9

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-006 FCI-CONNECTOR-GS-12-006 Datasheet
185Kb / 17P
   Conan??Micro miniature Connector System
GS-12-008 FCI-CONNECTOR-GS-12-008 Datasheet
164Kb / 10P
   LOW PROFILE VERTICAL CARD CONNECTOR
GS-12-0903 FCI-CONNECTOR-GS-12-0903 Datasheet
271Kb / 16P
   TRX10GVP2010C1 (SFP SR Module)
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results


Similar Description - GS-12S0181.9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
   2 A DC-DC converter modules
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
   2 A DC-DC converter modules
GS-R24FP STMICROELECTRONICS-GS-R24FP Datasheet
454Kb / 15P
   1.8 A DC-DC converter modules
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
   2A DC/DC converter modules
logo
List of Unclassifed Man...
MES1206 ETC1-MES1206 Datasheet
243Kb / 5P
   DC-to-DC Converter Modules
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
   DC/DC CONVERTER ISOLATION MODULES
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com