Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA020-180-70-17 Datasheet (PDF) - Transcom, Inc.

TA020-180-70-17 Datasheet PDF - Transcom, Inc.
Part # TA020-180-70-17
Download  TA020-180-70-17 Download

File Size   134.33 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2 - 18 GHz 70dB Gain Amplifier

TA020-180-70-17 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA020-180-70-17 Datasheet PDF - Transcom, Inc.

Part # TA020-180-70-17
Download  TA020-180-70-17 Click to download

File Size   134.33 Kbytes
Page   2 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 2 - 18 GHz 70dB Gain Amplifier

TA020-180-70-17 Datasheet (HTML) - Transcom, Inc.

TA020-180-70-17 Datasheet HTML 1Page - Transcom, Inc. TA020-180-70-17 Datasheet HTML 2Page - Transcom, Inc.



Similar Part No. - TA020-180-70-17

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA020-180-20-10 TRANSCOM-TA020-180-20-10 Datasheet
33Kb / 1P
   2 - 18 GHz 13 dBm Amplifier
TA020-180-28-16 TRANSCOM-TA020-180-28-16 Datasheet
17Kb / 1P
   2 -18 GHz 16 dBm Amplifier
More results


Similar Description - TA020-180-70-17

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA6345 TRIQUINT-TGA6345 Datasheet
542Kb / 6P
   2 - 18 GHz Gain Block Amplifier
logo
List of Unclassifed Man...
RMM2080 ETC-RMM2080 Datasheet
479Kb / 4P
   2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
   2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
Teledyne Technologies I...
TMA-18-2004 TELEDYNE-TMA-18-2004 Datasheet
889Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2002 TELEDYNE-CLA-18-2002 Datasheet
895Kb / 2P
   Amplifier 2 GHz - 18 GHz
CLA-18-2003 TELEDYNE-CLA-18-2003 Datasheet
894Kb / 2P
   Amplifier 2 GHz - 18 GHz
TMA-18-2002 TELEDYNE-TMA-18-2002 Datasheet
891Kb / 2P
   Amplifier 2 GHz - 18 GHz
TGM-18-2004 TELEDYNE-TGM-18-2004 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 18 GHz
TGM-18-2005 TELEDYNE-TGM-18-2005 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 18 GHz
TGM-18-2001 TELEDYNE-TGM-18-2001 Datasheet
907Kb / 2P
   Module Amplifier 2 GHz - 18 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com