Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1943 Datasheet (PDF) - Fairchild Semiconductor

2SA1943 Datasheet PDF - Fairchild Semiconductor
Part # 2SA1943
Download  2SA1943 Download
File Size   215.59 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PNP Epitaxial Silicon Transistor

2SA1943 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1943 Datasheet PDF - Fairchild Semiconductor

Part # 2SA1943
Download  2SA1943 Click to download

File Size   215.59 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description PNP Epitaxial Silicon Transistor

2SA1943 Datasheet (HTML) - Fairchild Semiconductor


2SA1943 Product details

Applications

• High-Fidelity Audio Output Amplifier

• General Purpose Power Amplifier





Features

• High Current Capability: IC= -15A.

• High Power Dissipation : 150watts.

• High Frequency : 30MHz.

• High Voltage : VCEO= -230V

• Wide S.O.A for reliable operation.

• Excellent Gain Linearity for low THD.

• Complement to 2SC5200/FJL4315.

• Full thermal and electrical Spice models are available.

• Same transistor is also available in:

-- TO3P package, 2SA1962/FJA4213 : 130 watts

-- TO220 package, FJP1943 : 80 watts

-- TO220F package, FJPF1943 : 50 watts




Similar Part No. - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1943 TOSHIBA-2SA1943 Datasheet
148Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SA1943 UTC-2SA1943 Datasheet
112Kb / 3P
POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1943 TOSHIBA-2SA1943 Datasheet
142Kb / 5P
Power Amplifier Applications
logo
Savantic, Inc.
2SA1943 SAVANTIC-2SA1943 Datasheet
221Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1943 JMNIC-2SA1943 Datasheet
203Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
PNP Epitaxial Silicon Transistor
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
SILICON PNP EPITAXIAL TRANSISTOR
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
PNP Epitaxial Silicon Transistor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
PNP SILICON EPITAXIAL TRANSISTOR
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
PNP Epitaxial Silicon Transistor
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com