Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFPF15S60STU Datasheet (PDF) - Fairchild Semiconductor

FFPF15S60STU Datasheet PDF - Fairchild Semiconductor
Part # FFPF15S60STU
Download  FFPF15S60STU Download

File Size   241.16 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 15A, 600V STEALTHTM II Rectifier

FFPF15S60STU Datasheet (PDF)

Go To PDF Page Download Datasheet
FFPF15S60STU Datasheet PDF - Fairchild Semiconductor

Part # FFPF15S60STU
Download  FFPF15S60STU Click to download

File Size   241.16 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 15A, 600V STEALTHTM II Rectifier

FFPF15S60STU Datasheet (HTML) - Fairchild Semiconductor

FFPF15S60STU Datasheet HTML 1Page - Fairchild Semiconductor FFPF15S60STU Datasheet HTML 2Page - Fairchild Semiconductor FFPF15S60STU Datasheet HTML 3Page - Fairchild Semiconductor FFPF15S60STU Datasheet HTML 4Page - Fairchild Semiconductor FFPF15S60STU Datasheet HTML 5Page - Fairchild Semiconductor



Similar Part No. - FFPF15S60STU

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FFPF15S60S ISC-FFPF15S60S Datasheet
274Kb / 2P
   Ultra fast Rectifier
More results


Similar Description - FFPF15S60STU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFP30S60S FAIRCHILD-FFP30S60S_12 Datasheet
511Kb / 6P
   30A, 600V STEALTHTM II Rectifier
FFP08S60SN FAIRCHILD-FFP08S60SN Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFPF08S60SN FAIRCHILD-FFPF08S60SN Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFD08S60S FAIRCHILD-FFD08S60S Datasheet
498Kb / 5P
   STEALTHTM II Rectifier 8A, 600V Stealth2 Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   StealthTM Rectifier
logo
Shenzhen Huazhimei Semi...
HMG15N60D HMSEMI-HMG15N60D Datasheet
1Mb / 8P
   600V, 15A, Trench FS II IGBT
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com