Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFPF60SB60DS Datasheet (PDF) - Fairchild Semiconductor

FFPF60SB60DS Datasheet PDF - Fairchild Semiconductor
Part # FFPF60SB60DS
Download  FFPF60SB60DS Download

File Size   264.3 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4A, 600V STEALTHTM II Rectifier

FFPF60SB60DS Datasheet (PDF)

Go To PDF Page Download Datasheet
FFPF60SB60DS Datasheet PDF - Fairchild Semiconductor

Part # FFPF60SB60DS
Download  FFPF60SB60DS Click to download

File Size   264.3 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4A, 600V STEALTHTM II Rectifier

FFPF60SB60DS Datasheet (HTML) - Fairchild Semiconductor

FFPF60SB60DS Datasheet HTML 1Page - Fairchild Semiconductor FFPF60SB60DS Datasheet HTML 2Page - Fairchild Semiconductor FFPF60SB60DS Datasheet HTML 3Page - Fairchild Semiconductor FFPF60SB60DS Datasheet HTML 4Page - Fairchild Semiconductor FFPF60SB60DS Datasheet HTML 5Page - Fairchild Semiconductor



Similar Part No. - FFPF60SB60DS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FFPF60SB60DS THINKISEMI-FFPF60SB60DS Datasheet
3Mb / 3P
   8Amperes,600Volts Insulated Dual Series Connection Ultra Fast Soft Recovery Rectifiers
FFPF60SB60DSTU THINKISEMI-FFPF60SB60DSTU Datasheet
3Mb / 3P
   8Amperes,600Volts Insulated Dual Series Connection Ultra Fast Soft Recovery Rectifiers
More results


Similar Description - FFPF60SB60DS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
   15A, 600V STEALTHTM II Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFP30S60S FAIRCHILD-FFP30S60S_12 Datasheet
511Kb / 6P
   30A, 600V STEALTHTM II Rectifier
FFP08S60SN FAIRCHILD-FFP08S60SN Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF08S60SN FAIRCHILD-FFPF08S60SN Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFD08S60S FAIRCHILD-FFD08S60S Datasheet
498Kb / 5P
   STEALTHTM II Rectifier 8A, 600V Stealth2 Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   StealthTM Rectifier
FFP04H60S FAIRCHILD-FFP04H60S Datasheet
348Kb / 5P
   4A, 600V Hyperfast 2 Rectifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com