Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ191P Datasheet (PDF) - Fairchild Semiconductor

FDZ191P Datasheet PDF - Fairchild Semiconductor
Part # FDZ191P
Download  FDZ191P Download

File Size   304.51 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET

FDZ191P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDZ191P Datasheet PDF - Fairchild Semiconductor

Part # FDZ191P
Download  FDZ191P Click to download

File Size   304.51 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET

FDZ191P Datasheet (HTML) - Fairchild Semiconductor

FDZ191P Datasheet HTML 1Page - Fairchild Semiconductor FDZ191P Datasheet HTML 2Page - Fairchild Semiconductor FDZ191P Datasheet HTML 3Page - Fairchild Semiconductor FDZ191P Datasheet HTML 4Page - Fairchild Semiconductor FDZ191P Datasheet HTML 5Page - Fairchild Semiconductor FDZ191P Datasheet HTML 6Page - Fairchild Semiconductor FDZ191P Datasheet HTML 7Page - Fairchild Semiconductor

FDZ191P Product details

General Description
Designed on Fairchilds advanced 1.5V PowerTrench process with state of the art "low pitch" WLCSP packaging process, the FDZ191P minimizes both PCB space and rDS(on). This advanced WLCSP MOSFET embodies a breakthrough in packaging technology which enables the device to combine excellent thermal transfer characteristics, ultra-low profile packaging, low gate charge, and low rDS(on).

Features
■ Max rDS(on) = 85mΩ at VGS = -4.5V, ID = -1A
■ Max rDS(on) = 123mΩ at VGS = -2.5V, ID = -1A
■ Max rDS(on) = 200mΩ at VGS = -1.5V, ID = -1A
■ Occupies only 1.5 mm2 of PCB area Less than 50% of the area of 2 x 2 BGA
■ Ultra-thin package: less than 0.65 mm height when mounted to PCB
■ RoHS Compliant

Application
■ Battery management
■ Load switch
■ Battery protection




Similar Part No. - FDZ191P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
More results


Similar Description - FDZ191P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ191P FAIRCHILD-FDZ191P Datasheet
352Kb / 7P
   P-Channel 1.5V PowerTrenchTM WL-CSP MOSFET
FDZ1905PZ FAIRCHILD-FDZ1905PZ Datasheet
297Kb / 6P
   Common Drain P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET -20V -3A, 123m廓
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDZ372NZ FAIRCHILD-FDZ372NZ Datasheet
297Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET
FDZ193P FAIRCHILD-FDZ193P Datasheet
260Kb / 7P
   P-Channel 1.7V PowerTrench WL-CSP MOSFET -20V, -1A, 90mohm
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ197PZ FAIRCHILD-FDZ197PZ Datasheet
294Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.8 A, 64 m廓
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com