Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2931 Datasheet (PDF) - Renesas Technology Corp

2SK2931 Datasheet PDF - Renesas Technology Corp
Part # 2SK2931
Download  2SK2931 Download

File Size   87.62 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET High Speed Power Switching

2SK2931 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2931 Datasheet PDF - Renesas Technology Corp

Part # 2SK2931
Download  2SK2931 Click to download

File Size   87.62 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET High Speed Power Switching

2SK2931 Datasheet (HTML) - Renesas Technology Corp

2SK2931 Datasheet HTML 1Page - Renesas Technology Corp 2SK2931 Datasheet HTML 2Page - Renesas Technology Corp 2SK2931 Datasheet HTML 3Page - Renesas Technology Corp 2SK2931 Datasheet HTML 4Page - Renesas Technology Corp 2SK2931 Datasheet HTML 5Page - Renesas Technology Corp 2SK2931 Datasheet HTML 6Page - Renesas Technology Corp 2SK2931 Datasheet HTML 7Page - Renesas Technology Corp 2SK2931 Datasheet HTML 8Page - Renesas Technology Corp

2SK2931 Product details

Features
• Low on-resistance
    RDS =0.010 Ω typ.
• High speed switching
• 4 V gate drive device can be driven from 5 V source




Similar Part No. - 2SK2931

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2931 HITACHI-2SK2931 Datasheet
52Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK2931 VBSEMI-2SK2931 Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2931 ISC-2SK2931 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK2931

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com