Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HC04 Datasheet (PDF) - Renesas Technology Corp

HD74HC04 Datasheet PDF - Renesas Technology Corp
Part # HD74HC04
Download  HD74HC04 Download

File Size   91.27 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hex Inverters

HD74HC04 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC04 Datasheet PDF - Renesas Technology Corp

Part # HD74HC04
Download  HD74HC04 Click to download

File Size   91.27 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Hex Inverters

HD74HC04 Datasheet (HTML) - Renesas Technology Corp

HD74HC04 Datasheet HTML 1Page - Renesas Technology Corp HD74HC04 Datasheet HTML 2Page - Renesas Technology Corp HD74HC04 Datasheet HTML 3Page - Renesas Technology Corp HD74HC04 Datasheet HTML 4Page - Renesas Technology Corp HD74HC04 Datasheet HTML 5Page - Renesas Technology Corp HD74HC04 Datasheet HTML 6Page - Renesas Technology Corp HD74HC04 Datasheet HTML 7Page - Renesas Technology Corp

HD74HC04 Product details

Features

• High Speed Operation: tpd = 7.5 ns typ (CL = 50 pF)

• High Output Current: Fanout of 10 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)




Similar Part No. - HD74HC04

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC04 HITACHI-HD74HC04 Datasheet
45Kb / 8P
   Hex Inverters
logo
Renesas Technology Corp
HD74HC04FPEL RENESAS-HD74HC04FPEL Datasheet
123Kb / 9P
   Hex Inverters
HD74HC04P RENESAS-HD74HC04P Datasheet
123Kb / 9P
   Hex Inverters
HD74HC04RPEL RENESAS-HD74HC04RPEL Datasheet
123Kb / 9P
   Hex Inverters
HD74HC04TELL RENESAS-HD74HC04TELL Datasheet
123Kb / 9P
   Hex Inverters
More results


Similar Description - HD74HC04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com