Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VVD1 Datasheet (PDF) - Vectron International, Inc

VVD1 Datasheet PDF - Vectron International, Inc
Part # VVD1
Download  VVD1 Download

File Size   156.78 Kbytes
Page   2 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description SMD VCXO, Package: 14.4 mm x 9.6 mm x 5.5 mm SMD, Frequency Range: 1.0 MHz to 160.0 MHz

VVD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
VVD1 Datasheet PDF - Vectron International, Inc

Part # VVD1
Download  VVD1 Click to download

File Size   156.78 Kbytes
Page   2 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description SMD VCXO, Package: 14.4 mm x 9.6 mm x 5.5 mm SMD, Frequency Range: 1.0 MHz to 160.0 MHz

VVD1 Datasheet (HTML) - Vectron International, Inc

VVD1 Datasheet HTML 1Page - Vectron International, Inc VVD1 Datasheet HTML 2Page - Vectron International, Inc



Similar Part No. - VVD1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VVD1 SCHNEIDER-VVD1 Datasheet
158Kb / 3P
   TeSys Vario - switch disconnector - 32 A - back of enclosure
VVD1 SCHNEIDER-VVD1 Datasheet
171Kb / 3P
   TeSys Vario - switch disconnector - 32 A - back of enclosure
Jun 13, 2022
VVD1 SCHNEIDER-VVD1_V01 Datasheet
171Kb / 3P
   TeSys Vario - switch disconnector - 32 A - back of enclosure
Jun 13, 2022
More results


Similar Description - VVD1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCD2-203 VECTRON-VCD2-203 Datasheet
109Kb / 1P
   14.4 x 9.6 x 5.5 mm 4 pad SMD
logo
Transko Electronics, In...
TX-F4 TRANSKO-TX-F4 Datasheet
180Kb / 2P
   TCXO/VCTCXO 4PAD SMD (11.4 mm x 9.6 mm)
Rev. 4: July 1, 2019
VTXIN TRANSKO-VTXIN Datasheet
395Kb / 3P
   TCXO/VCTCXO 4PAD SMD (11.4 mm x 9.6 mm)
Rev. 2: Nov 2017
TX-F6 TRANSKO-TX-F6 Datasheet
495Kb / 2P
   TCXO/VCTCXO 6PAD SMD PACKAGE (11.4 x 9.6 mm)
Rev. 2: Jul. 2015
logo
List of Unclassifed Man...
VCD6 ETC1-VCD6 Datasheet
233Kb / 2P
   14.4 x 9.8 x 6.0 mm 6 pin SMD
logo
ILSI America LLC
I617 ILSI-I617 Datasheet
50Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
I607 ILSI-I607 Datasheet
50Kb / 2P
   5 mm x 7 mm Ceramic Package SMD VCXO, LVPECL / LVDS
logo
Vectron International, ...
VVD2 VECTRON-VVD2 Datasheet
98Kb / 2P
   HCMOS 9.6 x 14.4 x 4.5 VCXO
logo
QUARTZCOM the communica...
MCO-7S QUARTZCOM-MCO-7S Datasheet
125Kb / 1P
   Sub miniature package: 2.0 x 1.6 x 1.0 mm Frequency from 0.75 MHz up to 80 MHz
logo
ILSI America LLC
I603 ILSI-I603 Datasheet
51Kb / 2P
   3.2 mm x 5.0 mm Ceramic Package SMD VCXO, TTL / HC-MOS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com