Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQ2 Datasheet (PDF) - EUROQUARTZ limited

MQ2 Datasheet PDF - EUROQUARTZ limited
Part # MQ2
Download  MQ2 Download

File Size   246.02 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 7 x 5mm SMD, 4 pad or 2 pad

MQ2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MQ2 Datasheet PDF - EUROQUARTZ limited

Part # MQ2
Download  MQ2 Click to download

File Size   246.02 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description 7 x 5mm SMD, 4 pad or 2 pad

MQ2 Datasheet (HTML) - EUROQUARTZ limited

MQ2 Datasheet HTML 1Page - EUROQUARTZ limited

MQ2 Product details

DESCRIPTION
Miniature surface-mount MQ crystals are produced using a ceramic substrate and fitted with a hermetically-sealed metal lid. The crystals are competitively priced, well-suited to mass-market electronic applications and may also be produced to close tolerances making this crystal a good choice for applications requiring low mass and tight tolerances. There are two package variants, 4 pad and two pad.

FEATURES
• Miniature size: 7.0mm x 5mm x 1.2mm height
• Gold-plated ceramic base with metal seam-welded lid
• To minimize EMI the whole crystal may be grounded
• Tight tolerance of ±10pppm for telecommunications use
• High shock and vibration resistance
• Ideal for PDAs, GPS, PCMCIA and hand-held equipment




Similar Part No. - MQ2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MQ2 BEL-MQ2 Datasheet
83Kb / 2P
   Quick Acting Micro Fuse
MQ2 BEL-MQ2 Datasheet
89Kb / 2P
   Quick Acting Micro Fuse
MQ2.5 BEL-MQ2.5 Datasheet
83Kb / 2P
   Quick Acting Micro Fuse
MQ2.5 BEL-MQ2.5 Datasheet
89Kb / 2P
   Quick Acting Micro Fuse
MQ200 BEL-MQ200 Datasheet
83Kb / 2P
   Quick Acting Micro Fuse
More results


Similar Description - MQ2

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MQ2030 EUROQUARTZ-MQ2030 Datasheet
246Kb / 1P
   7 x 5mm SMD, 4 pad or 2 pad
MQ EUROQUARTZ-MQ Datasheet
141Kb / 1P
   7 x 5mm SMD, 4 pad and 2 pad
MF EUROQUARTZ-MF Datasheet
110Kb / 1P
   6 x 3.5mm SMD, 4 pad and 2 pad
GF576 EUROQUARTZ-GF576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
G576 EUROQUARTZ-G576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
GV576 EUROQUARTZ-GV576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
HDW576 EUROQUARTZ-HDW576 Datasheet
138Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
logo
Oscilent Corporation
282-12.0M-SR-15EU OSCILENT-282-12.0M-SR-15EU Datasheet
156Kb / 3P
   SMD 2 Pad
logo
EUROQUARTZ limited
GW576 EUROQUARTZ-GW576 Datasheet
227Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
GW42 EUROQUARTZ-GW42 Datasheet
262Kb / 1P
   11.4 x 9.6 x 2.5mm 4 pad SMD
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com