Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT27BV256 Datasheet (PDF) - ATMEL Corporation

AT27BV256 Datasheet PDF - ATMEL Corporation
Part # AT27BV256_07
Download  AT27BV256 Download

File Size   420.55 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256K (32K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM

AT27BV256 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27BV256 Datasheet PDF - ATMEL Corporation

Part # AT27BV256_07
Download  AT27BV256 Click to download

File Size   420.55 Kbytes
Page   15 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256K (32K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM

AT27BV256 Datasheet (HTML) - ATMEL Corporation

Back Button AT27BV256_07 Datasheet HTML 1Page - ATMEL Corporation AT27BV256_07 Datasheet HTML 2Page - ATMEL Corporation AT27BV256_07 Datasheet HTML 3Page - ATMEL Corporation AT27BV256_07 Datasheet HTML 4Page - ATMEL Corporation AT27BV256_07 Datasheet HTML 5Page - ATMEL Corporation AT27BV256_07 Datasheet HTML 6Page - ATMEL Corporation AT27BV256_07 Datasheet HTML 7Page - ATMEL Corporation AT27BV256_07 Datasheet HTML 8Page - ATMEL Corporation AT27BV256_07 Datasheet HTML 9Page - ATMEL Corporation AT27BV256_07 Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT27BV256 Product details

Description
The AT27BV256 is a high-performance, low-power, low-voltage 262,144-bit one-time programmable read-only memory (OTP EPROM) organized as 32K by 8 bits. It requires only one supply in the range of 2.7V to 3.6V in normal read mode operation, making it ideal for fast, portable systems using either regulated or unregulated battery power.
Atmel’s innovative design techniques provide fast speeds that rival 5V parts while keeping the low power consumption of a 3V supply. At VCC = 2.7V, any word can be accessed in less than 70 ns. With a typical power dissipation of only 18 mW at 5 MHz and VCC = 3V, the AT27BV256 consumes less than one fifth the power of a standard 5V EPROM.

Features
• Fast Read Access Time – 70 ns
• Dual Voltage Range Operation
   – Unregulated Battery Power Supply Range, 2.7V to 3.6V
      or Standard 5V ±10% Supply Range
• Pin Compatible with JEDEC Standard AT27C256R
• Low Power CMOS Operation
   – 20 µA Max (Less than 1 µA Typical) Standby for VCC = 3.6V
   – 29 mW Max Active at 5 MHz for VCC = 3.6V
• JEDEC Standard Surface Mount Packages
   – 32-lead PLCC
   – 28-lead SOIC
   – 28-lead TSOP
• High Reliability CMOS Technology
   – 2,000V ESD Protection
   – 200 mA Latchup Immunity
• Rapid Programming Algorithm – 100 µs/Byte (Typical)
• CMOS and TTL Compatible Inputs and Outputs
   – JEDEC Standard for LVTTL and LVBO
• Integrated Product Identification Code
• Industrial Temperature Range
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT27BV256_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV256-12JC ATMEL-AT27BV256-12JC Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV256-12JI ATMEL-AT27BV256-12JI Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV256-12RC ATMEL-AT27BV256-12RC Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV256-12RI ATMEL-AT27BV256-12RI Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV256-12TC ATMEL-AT27BV256-12TC Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
More results


Similar Description - AT27BV256_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV256 ATMEL-AT27BV256 Datasheet
253Kb / 9P
   256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27BV020 ATMEL-AT27BV020 Datasheet
215Kb / 10P
   2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV020 ATMEL-AT27BV020_07 Datasheet
385Kb / 15P
   2-megabit (256K x 8) Unregulated Battery-Voltage High-speed OTP EPROM
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27BV512 ATMEL-AT27BV512_07 Datasheet
408Kb / 15P
   512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
AT27BV400 ATMEL-AT27BV400 Datasheet
267Kb / 11P
   4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
   4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com