Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21009BMB850EP Datasheet (PDF) - Intersil Corporation

ISL21009BMB850EP Datasheet PDF - Intersil Corporation
Part # ISL21009BMB850EP
Download  ISL21009BMB850EP Download

File Size   557.7 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Voltage Input Precision, Low Noise FGA??Voltage References

ISL21009BMB850EP Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL21009BMB850EP Datasheet PDF - Intersil Corporation

Part # ISL21009BMB850EP
Download  ISL21009BMB850EP Click to download

File Size   557.7 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Voltage Input Precision, Low Noise FGA??Voltage References

ISL21009BMB850EP Datasheet (HTML) - Intersil Corporation

Back Button ISL21009BMB850EP Datasheet HTML 1Page - Intersil Corporation ISL21009BMB850EP Datasheet HTML 2Page - Intersil Corporation ISL21009BMB850EP Datasheet HTML 3Page - Intersil Corporation ISL21009BMB850EP Datasheet HTML 4Page - Intersil Corporation ISL21009BMB850EP Datasheet HTML 5Page - Intersil Corporation ISL21009BMB850EP Datasheet HTML 6Page - Intersil Corporation ISL21009BMB850EP Datasheet HTML 7Page - Intersil Corporation ISL21009BMB850EP Datasheet HTML 8Page - Intersil Corporation ISL21009BMB850EP Datasheet HTML 9Page - Intersil Corporation ISL21009BMB850EP Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL21009BMB850EP Product details

The ISL21009MEP FGA™ voltage references are extremely low power, high precision, and low noise voltage references fabricated on Intersil’s proprietary Floating Gate Analog technology. The ISL21009MEP features very low noise (4.5µVP-P for 0.1Hz to 10Hz), low operating current (180µA, Max), and 3ppm/°C of temperature drift. In addition, the ISL21009 family features guaranteed initial accuracy as low as ±0.5mV.



Features

• Specifications per DSCC VID V62/08629

• Full Mil-Temp Electrical Performance from -55°C to +125°C

• Controlled Baseline with One Wafer Fabrication Site and One Assembly/Test Site

• Full Homogeneous Lot Processing in Wafer Fab

• No Combination of Wafer Fabrication Lots in Assembly

• Full Traceability Through Assembly and Test by Date/Trace Code Assignment

• Enhanced Process Change Notification

• Enhanced Obsolescence Management

• Eliminates Need for Up-Screening a COTS Component

• Output Voltages . . . . . . . . . . . . . . 2.500V, 4.096V, 5.000V

• Initial Accuracy . . . . . . . . . . . . . . . . . . . . .±0.5mV, ±1.0mV

• Input Voltage Range. . . . . . . . . . . . . . . . . . . 3.5V to 16.5V

• Output Voltage Noise . . . . . . . . .4.5µVP-P (0.1Hz to 10Hz)

• Supply Current . . . . . . . . . . . . . . . . . . . . . . . .180µA (Max)

• Temperature Coefficient . . . . . . . . . . . . 3ppm/°C, 5ppm/°C

• Output Current Capability. . . . . . . . . . . . . . . Up to ±7.0mA

• Operating Temperature Range. . . . . . . . .-55°C to +125°C

• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ld SOIC



Applications

• Defense/Commercial Avionics

• Radar/Sonar Systems

• Signal Processing Applications




Similar Part No. - ISL21009BMB850EP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21009BMB850EP RENESAS-ISL21009BMB850EP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
More results


Similar Description - ISL21009BMB850EP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com