Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32172EIVZ Datasheet (PDF) - Intersil Corporation

ISL32172EIVZ Datasheet PDF - Intersil Corporation
Part # ISL32172EIVZ
Download  ISL32172EIVZ Download

File Size   1050.2 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters

ISL32172EIVZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL32172EIVZ Datasheet PDF - Intersil Corporation

Part # ISL32172EIVZ
Download  ISL32172EIVZ Click to download

File Size   1050.2 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters

ISL32172EIVZ Datasheet (HTML) - Intersil Corporation

Back Button ISL32172EIVZ Datasheet HTML 1Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 2Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 3Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 4Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 5Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 6Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 7Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 8Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 9Page - Intersil Corporation ISL32172EIVZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL32172EIVZ Product details

QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters

The Intersil ISL32x7xE are ±16.5kV IEC61000-4-2 ESD Protected, 3.0V to 5.5V powered, QUAD transmitters for balanced communication using the RS-422 standard. These drivers have very low output leakage currents (±10µA), so they present a low load to the RS-422 bus.

Features
• IEC61000 ESD Protection on RS-422 Outputs . . ±16.5kV
    - Class 3 ESD Level on all Other Pins . . . . . . 12kV HBM
    - High Machine Model ESD Level on all Pins . . . . . 700V
• Wide Supply Range . . . . . . . . . . . . . . . . . . . 3.0V to 5.5V
• Specified for +125°C Operation
• Available in Industry Standard Pinouts (‘172/’174) or in a Space Saving QFN (ISL32179E) with Added Features
• Logic Supply Pin (VL) Eases Operation in Mixed Supply Systems (ISL32179E Only)
• User Selectable Data Rate (ISL32179E Only)
• Hot Plug - Tx Outputs Remain Three-state During Power-up and Power-Down
• Low Tx Leakage Allows > 256 Devices on the Bus
• High Data Rates. . . . . . . . . . . . . . . . . . . . . up to 32Mbps
• Low Quiescent Supply Current . . . . . . . . . . 0.8mA (Max)
    - Low Shutdown Supply Current . . . . . . . . . . . . . . . 60µA
• Current Limiting and Thermal Shutdown for Driver Overload Protection
• Tri-statable Tx Outputs
• 5V Tolerant Logic Inputs When VCC ≤ 5V
• Pb-free (RoHS compliant)

Applications
• Telecom Equipment
• Motor Controllers / Encoders
• Programmable Logic controllers
• Industrial/Process Control Networks




Similar Part No. - ISL32172EIVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32172EIVZ RENESAS-ISL32172EIVZ Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
ISL32172EIVZ-T RENESAS-ISL32172EIVZ-T Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
More results


Similar Description - ISL32172EIVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3030E MAXIM-MAX3030E Datasheet
326Kb / 14P
   짹15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
Rev 0; 10/02
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com