Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC11V Datasheet (PDF) - Tak Cheong Electronics (Holdings) Co.,Ltd

TC11V Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd
Part # TC11V
Download  TC11V Download

File Size   171.96 Kbytes
Page   5 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators

TC11V Datasheet (PDF)

Go To PDF Page Download Datasheet
TC11V Datasheet PDF - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TC11V
Download  TC11V Click to download

File Size   171.96 Kbytes
Page   5 Pages
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd
Description 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators

TC11V Datasheet (HTML) - Tak Cheong Electronics (Holdings) Co.,Ltd

TC11V Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC11V Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC11V Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC11V Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TC11V Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd

TC11V Product details

Specification Features:
■ Zener Voltage Range 2.0 to 75 Volts
■ DO-35 Package (JEDEC)
■ Through-Hole Device Type Mounting
■ Hermetically Sealed Glass
■ Compression Bonded Construction
■ All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable
■ RoHS Compliant
■ Solder Hot Dip Tin (Sn) Terminal Finish
■ Cathode Indicated By Polarity Band




Similar Part No. - TC11V

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC11 TIMOTION-TC11 Datasheet
250Kb / 3P
   Max. output 32V DC, 6A
20230317-I
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
logo
Lite-On Technology Corp...
TC1100H LITEON-TC1100H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results


Similar Description - TC11V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com