Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1A3PE3000L-1FG144M Datasheet (PDF) - Actel Corporation

M1A3PE3000L-1FG144M Datasheet PDF - Actel Corporation
Part # M1A3PE3000L-1FG144M
Download  M1A3PE3000L-1FG144M Download

File Size   5750.87 Kbytes
Page   181 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description Military ProASIC3/EL Low-Power Flash FPGAs

M1A3PE3000L-1FG144M Datasheet (PDF)

Go To PDF Page Download Datasheet
M1A3PE3000L-1FG144M Datasheet PDF - Actel Corporation

Part # M1A3PE3000L-1FG144M
Download  M1A3PE3000L-1FG144M Click to download

File Size   5750.87 Kbytes
Page   181 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description Military ProASIC3/EL Low-Power Flash FPGAs

M1A3PE3000L-1FG144M Datasheet (HTML) - Actel Corporation

Back Button M1A3PE3000L-1FG144M Datasheet HTML 1Page - Actel Corporation M1A3PE3000L-1FG144M Datasheet HTML 2Page - Actel Corporation M1A3PE3000L-1FG144M Datasheet HTML 3Page - Actel Corporation M1A3PE3000L-1FG144M Datasheet HTML 4Page - Actel Corporation M1A3PE3000L-1FG144M Datasheet HTML 5Page - Actel Corporation M1A3PE3000L-1FG144M Datasheet HTML 6Page - Actel Corporation M1A3PE3000L-1FG144M Datasheet HTML 7Page - Actel Corporation M1A3PE3000L-1FG144M Datasheet HTML 8Page - Actel Corporation M1A3PE3000L-1FG144M Datasheet HTML 9Page - Actel Corporation M1A3PE3000L-1FG144M Datasheet HTML 10Page - Actel Corporation Next Button 

M1A3PE3000L-1FG144M Product details

Features and Benefits

Military Temperature Tested and Qualified

• Each Device Tested from –55°C to 125°C

Firm-Error Immune

• Not Susceptible to Neutron-Induced Configuration Loss

Low Power

• Dramatic Reduction in Dynamic and Static Power

• 1.2 V to 1.5 V Core and I/O Voltage Support for Low Power†

• Low Power Consumption in Flash*Freeze Mode Allows for

Instantaneous Entry To / Exit From Low-Power Flash*Freeze

Modeƒ

• Supports Single-Voltage System Operation

• Low-Impedance Switches

High Capacity

• 600 k to 3 M System Gates

• Up to 504 kbits of True Dual-Port SRAM

• Up to 620 User I/Os

Reprogrammable Flash Technology

• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process

• Live-at-Power-Up (LAPU) Level 0 Support

• Single-Chip Solution

• Retains Programmed Design when Powered Off

High Performance

• 350 MHz (1.5 V systems) and 250 MHz (1.2 V systems) System

Performance

• 3.3 V, 66 MHz, 66-Bit PCI (1.5 V systems) and 66 MHz, 32-Bit

PCI (1.2 V systems)

In-System Programming (ISP) and Security

• Secure ISP Using On-Chip 128-Bit Advanced Encryption

Standard (AES) Decryption via JTAG (IEEE 1532–compliant)

• FlashLock® to Secure FPGA Contents

High-Performance Routing Hierarchy

• Segmented, Hierarchical Routing and Clock Structure

• High-Performance, Low-Skew Global Network

• Architecture Supports Ultra-High Utilization




Similar Part No. - M1A3PE3000L-1FG144M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1A3PE3000L MICROSEMI-M1A3PE3000L Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
M1A3PE3000L MICROSEMI-M1A3PE3000L Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
More results


Similar Description - M1A3PE3000L-1FG144M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-2FG256I MICROSEMI-A3P250-2FG256I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
M1A3P1000-1PQ208M MICROSEMI-M1A3P1000-1PQ208M Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-FGG484 MICROSEMI-A3P1000-FGG484 Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-FG484I MICROSEMI-A3P1000-FG484I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com