Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHF5400 Datasheet (PDF) - Vishay Siliconix

TLHF5400 Datasheet PDF - Vishay Siliconix
Part # TLHF5400
Download  TLHF5400 Download

File Size   73.77 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED, 5 mm Tinted Diffused Package

TLHF5400 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLHF5400 Datasheet PDF - Vishay Siliconix

Part # TLHF5400
Download  TLHF5400 Click to download

File Size   73.77 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Intensity LED, 5 mm Tinted Diffused Package

TLHF5400 Datasheet (HTML) - Vishay Siliconix

TLHF5400 Datasheet HTML 1Page - Vishay Siliconix TLHF5400 Datasheet HTML 2Page - Vishay Siliconix TLHF5400 Datasheet HTML 3Page - Vishay Siliconix TLHF5400 Datasheet HTML 4Page - Vishay Siliconix TLHF5400 Datasheet HTML 5Page - Vishay Siliconix



Similar Part No. - TLHF5400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHF5400 VISHAY-TLHF5400 Datasheet
103Kb / 4P
   High Intensity LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLHF5400 VISHAY-TLHF5400_V01 Datasheet
103Kb / 4P
   High Intensity LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
More results


Similar Description - TLHF5400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHE5400 VISHAY-TLHE5400 Datasheet
73Kb / 5P
   High Intensity LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHK5400 VISHAY-TLHK5400_V01 Datasheet
337Kb / 4P
   High Intensity LED, 첩 5 mm Tinted Diffused Package
08-Feb-17
TLDR6400 VISHAY-TLDR6400_V02 Datasheet
480Kb / 5P
   High Intensity LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLDR5400 VISHAY-TLDR5400_V01 Datasheet
552Kb / 5P
   High Intensity LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLHF5400 VISHAY-TLHF5400_V01 Datasheet
103Kb / 4P
   High Intensity LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLDR5400 VISHAY-TLDR5400_V02 Datasheet
551Kb / 5P
   High Intensity LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
   High Intensity LED, 5 mm Tinted Diffused
Rev. 1.4, 30-Aug-04
TLDR6400 VISHAY-TLDR6400_V01 Datasheet
481Kb / 5P
   High Intensity LED, 횠 5 mm Tinted Diffused Package DESCRIPTION This
01-Jan-2022
TLHK4600 VISHAY-TLHK4600 Datasheet
71Kb / 5P
   High Intensity LED in 3 mm Tinted Diffused Package
Rev. A1, 03-Apr-99
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com