Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX-422 Datasheet (PDF) - MDE Semiconductor, Inc.

MAX-422 Datasheet PDF - MDE Semiconductor, Inc.
Part # MAX-422
Download  MAX-422 Download

File Size   208.29 Kbytes
Page   2 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR

MAX-422 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX-422 Datasheet PDF - MDE Semiconductor, Inc.

Part # MAX-422
Download  MAX-422 Click to download

File Size   208.29 Kbytes
Page   2 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR

MAX-422 Datasheet (HTML) - MDE Semiconductor, Inc.

MAX-422 Datasheet HTML 1Page - MDE Semiconductor, Inc. MAX-422 Datasheet HTML 2Page - MDE Semiconductor, Inc.

MAX-422 Product details

FEATURES

• UL 1449 Recognition

• 10KA Surge Capability @ 8 x 20 µsec waveform (per IEC- 61000-4-5)

• Peak Power Dissipation 288KW

• Bi-directional

• Excellent clamping capability

• Repetition rate (duty cycle): 0.05%

• Sharp breakdown voltage

• Low incremental surge resistance

• Fast response time: typically less than 1.0 µs from 0 Volts to BV

• Operation temperature: -40°C to +125°C

• Epoxy encapsulated package has Underwriters Laboratory Flammability Classification 94 V-0



 




Similar Part No. - MAX-422

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAX-422 ETC1-MAX-422 Datasheet
814Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
MAX-422 MDE-MAX-422_13 Datasheet
42Kb / 1P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - MAX-422

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MAX-470 MDE-MAX-470 Datasheet
208Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-277 MDE-MAX-277 Datasheet
109Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-100 MDE-MAX-100 Datasheet
217Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-100 MDE-MAX-100_13 Datasheet
32Kb / 1P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
MAX-422 ETC1-MAX-422 Datasheet
814Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-470 ETC1-MAX-470 Datasheet
208Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
MAX-50M MDE-MAX-50M Datasheet
29Kb / 1P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-450 MDE-MAX-450 Datasheet
194Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-225 MDE-MAX-225_13 Datasheet
31Kb / 1P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-370 MDE-MAX-370_13 Datasheet
42Kb / 1P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
MAX-370 MDE-MAX-370 Datasheet
208Kb / 2P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com