Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA-20H Datasheet (PDF) - Epson ToYoCom

FA-20H Datasheet PDF - Epson ToYoCom
Part # FA-20H
Download  FA-20H Download

File Size   472.71 Kbytes
Page   2 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description ULTRA MINIATURE SIZE LOW PROFILE SMD

FA-20H Datasheet (PDF)

Go To PDF Page Download Datasheet
FA-20H Datasheet PDF - Epson ToYoCom

Part # FA-20H
Download  FA-20H Click to download

File Size   472.71 Kbytes
Page   2 Pages
Manufacturer  EPSONTOYOCOM [Epson ToYoCom]
Direct Link  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom
Description ULTRA MINIATURE SIZE LOW PROFILE SMD

FA-20H Datasheet (HTML) - Epson ToYoCom

FA-20H Datasheet HTML 1Page - Epson ToYoCom FA-20H Datasheet HTML 2Page - Epson ToYoCom

FA-20H Product details

MHz RANGE CRYSTAL UNIT
ULTRA MINIATURE SIZE LOW PROFILE SMD

• Nominal frequency range : 12 MHz to 48 MHz
• Thickness : 0.55 mm Max.
• Overtone order : Fundamental
• Applications : Mobile phone, Bluetooth, W-LAN
                         ISM band radio, Clock for MPU




Similar Part No. - FA-20H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA-20H ETC2-FA-20H Datasheet
369Kb / 1P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson ToYoCom
FA-20H EPSONTOYOCOM-FA-20H Datasheet
187Kb / 1P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson Company
FA-20H EPSON-FA-20H Datasheet
888Kb / 2P
   MHz RANGE CRYSTAL UNIT
FA-20HS EPSON-FA-20HS Datasheet
606Kb / 2P
   MHz RANGE CRYSTAL UNIT Built-in thermistor
logo
Epson ToYoCom
FA-20H EPSONTOYOCOM-FA-20H_10 Datasheet
187Kb / 1P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
More results


Similar Description - FA-20H

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FA-128 EPSONTOYOCOM-FA-128_10 Datasheet
169Kb / 1P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-118 EPSONTOYOCOM-FA-118 Datasheet
376Kb / 2P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-20H EPSONTOYOCOM-FA-20H_10 Datasheet
187Kb / 1P
   ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V_10 Datasheet
243Kb / 1P
   MINIATURE SIZE LOW PROFILE SMD
TG-5010CG EPSONTOYOCOM-TG-5010CG Datasheet
312Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
TG-5021BA EPSONTOYOCOM-TG-5021BA Datasheet
414Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
logo
List of Unclassifed Man...
FA-20H ETC2-FA-20H Datasheet
369Kb / 1P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
logo
Epson ToYoCom
FA-128 EPSONTOYOCOM-FA-128 Datasheet
363Kb / 1P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-118T EPSONTOYOCOM-FA-118T Datasheet
524Kb / 2P
   MHz RANGE CRYSTAL UNIT ULTRA MINIATURE SIZE LOW PROFILE SMD
FA-238V EPSONTOYOCOM-FA-238V Datasheet
422Kb / 2P
   MHz RANGE CRYSTAL UNIT MINIATURE SIZE LOW PROFILE SMD
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com