Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRD050505S-1W Datasheet (PDF) - MORNSUN Science& Technology Ltd.

WRD050505S-1W Datasheet PDF - MORNSUN Science& Technology Ltd.
Part # WRD050505S-1W
Download  WRD050505S-1W Download
File Size   123.91 Kbytes
Page   2 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description TWIN OUTPUT SIP DC-DC CONVERTER

WRD050505S-1W Datasheet (PDF)

Go To PDF Page Download Datasheet
WRD050505S-1W Datasheet PDF - MORNSUN Science& Technology Ltd.

Part # WRD050505S-1W
Download  WRD050505S-1W Click to download

File Size   123.91 Kbytes
Page   2 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description TWIN OUTPUT SIP DC-DC CONVERTER

WRD050505S-1W Datasheet (HTML) - MORNSUN Science& Technology Ltd.


WRD050505S-1W Product details

FEATURES
    Wide (2:1) Input Range
    Miniature SIP Package
    I/0 Isolation 1000VDC
    Short Circuit Protection(automatic recovery)
    External On/Off control
    Internal SMD construction
    Operating Temperature: -40°C to +85°C
    RoHS Compliance

APPLICATIONS
    The WRD_S-1W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board




Similar Part No. - WRD050505S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRD050505MP-3W MORNSUN-WRD050505MP-3W Datasheet
117Kb / 2P
TWIN OUTPUT DIP DC-DC CONVERTER
logo
Microdc power Technolog...
WRD050505YD-3W MICRODC-WRD050505YD-3W Datasheet
651Kb / 3P
3W,WIDE INPUT ISOLATED & REGULATEDTWINOUTPUT DIPDC-DCCONVERTER
WRD050505YS-1W MICRODC-WRD050505YS-1W Datasheet
469Kb / 3P
1W&2W,WIDE INPUT,ISOLATED®ULATED Twin Output DC?뷗C Converter
WRD050505YS-2W MICRODC-WRD050505YS-2W Datasheet
469Kb / 3P
1W&2W,WIDE INPUT,ISOLATED®ULATED Twin Output DC?뷗C Converter
More results


Similar Description - WRD050505S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
D050505NS-1W MORNSUN-D050505NS-1W Datasheet
143Kb / 2P
TWIN OUTPUT DC-DC CONVERTER
D030505M-1W MORNSUN-D030505M-1W Datasheet
125Kb / 3P
TWIN OUTPUT DC-DC CONVERTER
D050505S-2W MORNSUN-D050505S-2W Datasheet
248Kb / 2P
TWIN OUTPUT DC-DC CONVERTER
D242323S-1W3-ZK MORNSUN-D242323S-1W3-ZK Datasheet
610Kb / 4P
TWIN OUTPUT DC-DC CONVERTER
ED120512S-1W MORNSUN-ED120512S-1W Datasheet
233Kb / 2P
TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
OUTPUT SIP PACKAGE DC-DC CONVERTER
D051212S-1W MORNSUN-D051212S-1W Datasheet
319Kb / 3P
UNREGULATED TWIN OUTPUT DC-DC CONVERTER
WRD050505MP-3W MORNSUN-WRD050505MP-3W Datasheet
117Kb / 2P
TWIN OUTPUT DIP DC-DC CONVERTER
ED0505S-1W MORNSUN-ED0505S-1W Datasheet
247Kb / 2P
TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
B0505JS-2W MORNSUN-B0505JS-2W Datasheet
249Kb / 2P
SINGLE OUTPUT SIP PACKAGE DC-DC CONVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com