Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL-LXA228SYC-TR21 Datasheet (PDF) - LUMEX INC.

SSL-LXA228SYC-TR21 Datasheet PDF - LUMEX INC.
Part # SSL-LXA228SYC-TR21
Download  SSL-LXA228SYC-TR21 Download

File Size   64.14 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 590nm ALLNGAP YELLOW AXIAL LEADED LED

SSL-LXA228SYC-TR21 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSL-LXA228SYC-TR21 Datasheet PDF - LUMEX INC.

Part # SSL-LXA228SYC-TR21
Download  SSL-LXA228SYC-TR21 Click to download

File Size   64.14 Kbytes
Page   1 Pages
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.
Description 590nm ALLNGAP YELLOW AXIAL LEADED LED

SSL-LXA228SYC-TR21 Datasheet (HTML) - LUMEX INC.

SSL-LXA228SYC-TR21 Datasheet HTML 1Page - LUMEX INC.



Similar Part No. - SSL-LXA228SYC-TR21

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LXA228SYC-TR11 LUMEX-SSL-LXA228SYC-TR11 Datasheet
63Kb / 1P
   AXIAL LED, GULL WINGS LEADS
SSL-LXA228SYC-TR31 LUMEX-SSL-LXA228SYC-TR31 Datasheet
66Kb / 1P
   590nm SUPER YELLOW, AXIAL LED
More results


Similar Description - SSL-LXA228SYC-TR21

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXMP059SYD-150 LUMEX-SSI-LXMP059SYD-150 Datasheet
83Kb / 1P
   590nm ALLNGAP YELLOW RECTANGULAR LED PANEL INDICATOR
SSL-LXA228SYC-TR31 LUMEX-SSL-LXA228SYC-TR31 Datasheet
66Kb / 1P
   590nm SUPER YELLOW, AXIAL LED
SSL-LXA228SIC-TR31 LUMEX-SSL-LXA228SIC-TR31 Datasheet
67Kb / 1P
   636nm ALLNGAP RED AXIAL LEADED LED
SSL-LXA228SOC-TR21 LUMEX-SSL-LXA228SOC-TR21 Datasheet
64Kb / 1P
   610nm ALLNGAP ORANGE AXIAL LEADED LED
SSL-LXA228YC-TR21 LUMEX-SSL-LXA228YC-TR21 Datasheet
64Kb / 1P
   5858nm YELLOW AXIAL LEADED LED
SSL-LX3064LYD LUMEX-SSL-LX3064LYD Datasheet
68Kb / 1P
   T-3mm 590nm YELLOW LED, YELLOW DIFFUSED LENS
SSL-LXA228SIC-TR11 LUMEX-SSL-LXA228SIC-TR11_17 Datasheet
90Kb / 1P
   Axial LED 636mm AllnGap RED LED
SSL-LXA228SIC-TR11 LUMEX-SSL-LXA228SIC-TR11 Datasheet
53Kb / 1P
   AXIAL LED, 636nm ALLNGAP RED LED
logo
List of Unclassifed Man...
SML-LX1610SYC ETC2-SML-LX1610SYC Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm yellow LED.
logo
LUMEX INC.
SSL-LX203CSYT LUMEX-SSL-LX203CSYT Datasheet
273Kb / 1P
   T-2 CREAMIC STEM LED, 590nm YELLOW LED, YELLOW TRANSPARENT LENS
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com