Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN2564 Datasheet (PDF) - Fairchild Semiconductor

FAN2564 Datasheet PDF - Fairchild Semiconductor
Part # FAN2564
Download  FAN2564 Download

File Size   583.79 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 300mA Low VIN LDO for Digital Applications

FAN2564 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN2564 Datasheet PDF - Fairchild Semiconductor

Part # FAN2564
Download  FAN2564 Click to download

File Size   583.79 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 300mA Low VIN LDO for Digital Applications

FAN2564 Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN2564 Datasheet HTML 1Page - Fairchild Semiconductor FAN2564 Datasheet HTML 2Page - Fairchild Semiconductor FAN2564 Datasheet HTML 3Page - Fairchild Semiconductor FAN2564 Datasheet HTML 4Page - Fairchild Semiconductor FAN2564 Datasheet HTML 5Page - Fairchild Semiconductor FAN2564 Datasheet HTML 6Page - Fairchild Semiconductor FAN2564 Datasheet HTML 7Page - Fairchild Semiconductor FAN2564 Datasheet HTML 8Page - Fairchild Semiconductor FAN2564 Datasheet HTML 9Page - Fairchild Semiconductor FAN2564 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN2564 Product details

Description
The FAN2564 operates from a minimum input of 1.65V and provides outputs as low as 1.2V. Output current is guaranteed to 300mA, making this regulator ideal for digital loads.

Features
■ Input Voltage 1.65V to 3.6V
■ Guaranteed 300mA Output
■ High Initial Output Voltage Accuracy: ±1%
■ Fixed Output Voltage options from 1.2V to 2.8V
■ Very Low Dropout: 100mV at 300mA
■ 45µA Quiescent Current at No Load
■ Low Output Noise of 100µVRMS
■ Inrush Current Controlled to Less Than 500mA
■ PSRR of 60dB at 1kHz
■ 100µs Startup Time
■ Stable with Ceramic Capacitors
■ Thermal and Short-Circuit Protection
■ 4-bump WLCSP, 0.5mm Pitch
■ 6-pin 2 x 2mm UMLP

Applications
■ Post Regulator
■ Cell Phones and Smart Phones
■ WLAN, 3G, and 4G Data Cards
■ PMP and MP3 Players




Similar Part No. - FAN2564

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564UC12X FAIRCHILD-FAN2564UC12X Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564UC13X FAIRCHILD-FAN2564UC13X Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564UC15X FAIRCHILD-FAN2564UC15X Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564UC18X FAIRCHILD-FAN2564UC18X Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
More results


Similar Description - FAN2564

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564_11 Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com