Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC-26-52 Datasheet (PDF) - Mini-Circuits

ADC-26-52 Datasheet PDF - Mini-Circuits
Part # ADC-26-52
Download  ADC-26-52 Download

File Size   240.45 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 50廓 10 to 500 MHz

ADC-26-52 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC-26-52 Datasheet PDF - Mini-Circuits

Part # ADC-26-52
Download  ADC-26-52 Click to download

File Size   240.45 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 50廓 10 to 500 MHz

ADC-26-52 Datasheet (HTML) - Mini-Circuits

ADC-26-52 Datasheet HTML 1Page - Mini-Circuits



Similar Part No. - ADC-26-52

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
ADC-20 PICO-ADC-20 Datasheet
5Mb / 9P
   High-resolution data logger
logo
Mini-Circuits
ADC-20-12 MINI-ADC-20-12 Datasheet
239Kb / 1P
   Directional Coupler 50廓 100 to 1200 MHz
ADC-20-12++ MINI-ADC-20-12+ Datasheet
239Kb / 1P
   Directional Coupler 50廓 100 to 1200 MHz
ADC-20-13 MINI-ADC-20-13 Datasheet
278Kb / 1P
   Directional Coupler
REV. A
ADC-20-13++ MINI-ADC-20-13+ Datasheet
278Kb / 1P
   Directional Coupler
REV. A
More results


Similar Description - ADC-26-52

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRDC-10-1 MINI-LRDC-10-1 Datasheet
274Kb / 1P
   Directional Coupler 50廓 5 to 500 MHz
LRDC-10-1J MINI-LRDC-10-1J Datasheet
277Kb / 1P
   Directional Coupler 50廓 5 to 500 MHz
SCDC-11-2 MINI-SCDC-11-2 Datasheet
261Kb / 1P
   Directional Coupler 50廓 500 to 1100 MHz
TCD-10-1W MINI-TCD-10-1W Datasheet
286Kb / 1P
   Directional Coupler 50廓 10 to 750 MHz
JDC-20-5 MINI-JDC-20-5 Datasheet
313Kb / 1P
   Directional Coupler 50廓 50 to 1500 MHz
JDC-20-1W MINI-JDC-20-1W Datasheet
307Kb / 1P
   Directional Coupler 50廓 50 to 750 MHz
D18P MINI-D18P Datasheet
244Kb / 1P
   Directional Coupler 50廓 1710 to 1990 MHz
JDC-20-2 MINI-JDC-20-2 Datasheet
308Kb / 1P
   Directional Coupler 50廓 400 to 900 MHz
LRDC-20-2J MINI-LRDC-20-2J Datasheet
248Kb / 1P
   Directional Coupler 50廓 300 to 1100 MHz
ADC-20-4 MINI-ADC-20-4 Datasheet
240Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com